Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3875 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3875
Description  2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3875 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3875 Datasheet HTML 1Page - Maxim Integrated Products MAX3875 Datasheet HTML 2Page - Maxim Integrated Products MAX3875 Datasheet HTML 3Page - Maxim Integrated Products MAX3875 Datasheet HTML 4Page - Maxim Integrated Products MAX3875 Datasheet HTML 5Page - Maxim Integrated Products MAX3875 Datasheet HTML 6Page - Maxim Integrated Products MAX3875 Datasheet HTML 7Page - Maxim Integrated Products MAX3875 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX3875 is a compact, low-power clock recovery
and data retiming IC for 2.488Gbps SDH/SONET appli-
cations. The fully integrated phase-locked loop recov-
ers a synchronous clock signal from the serial NRZ
data input, which is retimed by the recovered clock.
Differential PECL-compatible outputs are provided for
both clock and data signals, and an additional
2.488Gbps serial input is available for system loopback
diagnostic testing. The device also includes a TTL-
compatible loss-of-lock (LOL) monitor.
The MAX3875 is designed for both section-regenerator
and terminal-receiver applications in OC-48/STM-16
transmission systems. Its jitter performance exceeds all
of the SONET/SDH specifications.
This device operates from a single +3.3V to +5.0V supply
over a -40°C to +85°C temperature range. The typical
power consumption is only 400mW with a +3.3V supply. It is
available in a 32-pin TQFP package, as well as in die form.
Applications
SDH/SONET Receivers and Regenerators
Add/Drop Multiplexers
Digital Cross-Connects
2.488Gbps ATM Receiver
Digital Video Transmission
SDH/SONET Test Equipment
Features
o Exceeds ANSI, ITU, and Bellcore SONET/SDH
Regenerator Specifications
o 400mW Power Dissipation (at +3.3V)
o Clock Jitter Generation: 0.003UIRMS
o Single +3.3V or +5V Power Supply
o Fully Integrated Clock Recovery and Data Retiming
o Additional High-Speed Input Facilitates System
Loopback Diagnostic Testing
o Tolerates >2000 Consecutive Identical Digits
o Loss-of-Lock Indicator
o Differential PECL-Compatible Data and Clock
Outputs
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
2.5Gbps, Low-Power, +3.3V
Clock Recovery and Data Retiming IC
________________________________________________________________
Maxim Integrated Products
1
PRE/POSTAMPLIFIER
PHOTO-
DIODE
+3.3V
SDI-
SDI+
SLBI-
SLBI+
SDO-
SCLKO+
SCLKO-
SDO+
MAX3875
MAX3866
+3.3V
+3.3V
+3.3V
+3.3V
OUT+
OUT-
TTL
LOP
IN
LOL
PHADJ-
PHADJ+
VCC
VCC
SIS
FIL+
FIL-
SYSTEM
LOOPBACK
TTL
TTL
1
µF
0.01
µF
0.01
µF
82
82
130
130
82
82
130
130
1:16
DESERIALIZER
MAX3885
Typical Application Circuit
19-4789; Rev 0; 10/98
PART
MAX3875EHJ
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
32 TQFP
Ordering Information
Pin Configuration appears at end of data sheet.
MAX3875E/D
-40°C to +85°C
Dice*
*
Dice are designed to operate over this range, but are tested
and guaranteed at TA = +25°C only. Contact factory for
availability.


Similar Part No. - MAX3875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3875AE/D MAXIM-MAX3875AE/D Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3875AEHJ MAXIM-MAX3875AEHJ Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
More results

Similar Description - MAX3875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A Datasheet
793Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 1; 5/03
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
   2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com