Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX379MJE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX379MJE
Description  High-Voltage, Fault-Protected Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX379MJE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX379MJE Datasheet HTML 1Page - Maxim Integrated Products MAX379MJE Datasheet HTML 2Page - Maxim Integrated Products MAX379MJE Datasheet HTML 3Page - Maxim Integrated Products MAX379MJE Datasheet HTML 4Page - Maxim Integrated Products MAX379MJE Datasheet HTML 5Page - Maxim Integrated Products MAX379MJE Datasheet HTML 6Page - Maxim Integrated Products MAX379MJE Datasheet HTML 7Page - Maxim Integrated Products MAX379MJE Datasheet HTML 8Page - Maxim Integrated Products MAX379MJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
_______________________________________________________________________________________
3
Note 2: When the analog signal exceeds +13.5V or -12V, the blocking action of Maxim’s gate structure goes into operation. Only
leakage currents flow and the channel ON resistance rises to infinity.
Note 3: The value shown is the steady-state value. The transient leakage is typically 50µA. See
Detailed Description.
Note 4: Guaranteed by other static parameters.
Note 5: Digital input leakage is primarily due to the clamp diodes. Typical leakage is less than 1nA at +25°C.
Note 6: Leakage currents not tested at TA = cold temp.
Note 7: Electrical characteristics, such as ON Resistance, will change when power supplies other than ±15V are used.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +15V, V- = -15V; VAH (Logic Level High) = +2.4V, VAL (Logic Level Low) = +0.8V, unless otherwise noted.)
pF
0.1
CDS(OFF)
Input to Output Capacitance
VEN = 0.8V or 2.4V
All VA = 0V or 5V
+25°C
VEN = 0.8V, RL = 1kΩ, CL = 15pF
V = 7VRMS, f = 100kHz
(Note 7)
MAX378
MAX379
CONDITIONS
0.1
V
±4.5
±18
VOP
Power-Supply Range for
Continuous Operation
0.3
0.7
ns
1000
mA
0.1
0.6
I+
Positive Supply Current
pF
5
CA
Digital Input Capacitance
12
dB
50
68
OFF(ISO)
“OFF Isolation”
pF
5
CIN(OFF)
Channel Input Capacitance
pF
25
COUT(OFF)
Channel Output Capacitance
UNITS
-55°C to +125°C
SYMBOL
PARAMETER
Figure 3
400
750
tON(EN)
Enable Delay (ON)
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
TEMP
+25°C
±4.5
±18
0.5
1.0
1500
0.2
1.0
5
12
50
68
5
25
0°C to +70°C
and
-40°C to +85°C
400 1000
µs
3.5
1.2
tSETT
Settling Time (0.1%)
(0.01%)
+25°C
3.5
1.2
Figure 1
µs
0.5
1.0
tA
Access Time
+25°C
0.5
1.0
VEN = +5V, VIN = ±10V
A0, A1, A2 strobed
ns
25
200
tON-tOFF
Break-Before-Make Delay
(Figure 2)
+25°C
25
200
ns
1000
Figure 3
300
500
tOFF(EN)
Enable Delay (OFF)
+25°C
1000
300
VEN = 0.8V or 2.4V
All VA = 0V or 5V
0.02
0.2
mA
0.01
0.1
I-
Negative Supply Current
+25°C
0.02
0.1
0.01
0.1
MIN TYP MAX
MIN TYP MAX
SUPPLY
DYNAMIC
Full
Full
Full
Full


Similar Part No. - MAX379MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3793E/D MAXIM-MAX3793E/D Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
MAX3795 MAXIM-MAX3795 Datasheet
343Kb / 6P
   Allows Optical and Electrical Evaluation
Rev 0, 11/04
MAX3795ETG MAXIM-MAX3795ETG Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
More results

Similar Description - MAX379MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
logo
Analog Devices
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com