Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX379MJE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX379MJE
Description  High-Voltage, Fault-Protected Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX379MJE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX379MJE Datasheet HTML 1Page - Maxim Integrated Products MAX379MJE Datasheet HTML 2Page - Maxim Integrated Products MAX379MJE Datasheet HTML 3Page - Maxim Integrated Products MAX379MJE Datasheet HTML 4Page - Maxim Integrated Products MAX379MJE Datasheet HTML 5Page - Maxim Integrated Products MAX379MJE Datasheet HTML 6Page - Maxim Integrated Products MAX379MJE Datasheet HTML 7Page - Maxim Integrated Products MAX379MJE Datasheet HTML 8Page - Maxim Integrated Products MAX379MJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +15V, V- = -15V; VAH (Logic Level High) = +2.4V, VAL (Logic Level Low) = +0.8V, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage between Supply Pins ..............................................+44V
V+ to Ground ...................................................................+22V
V- to Ground......................................................................-22V
Digital Input Overvoltage:
V+......................................................................+4V
V- ........................................................................-4V
Analog Input with Multiplexer Power On..............................±65V
Recommended
V+ .....................................+15V
Power Supplies
V- .......................................-15V
Analog Input with Multiplexer Power Off..............................±80V
Continuous Current, IN or OUT...........................................20mA
Peak Current, IN or OUT
(Pulsed at 1ms, 10% duty cycle max) ............................40mA
Power Dissipation (Note 1) (CERDIP) ................................1.28W
Operating Temperature Range:
MAX378/379C .....................................................0°C to +70°C
MAX378/379E ..................................................-40°C to +85°C
MAX378/379M ...............................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
(Note 4)
VIN = ±60V, VOUT = ±10V
(Notes 3, 4)
(Note 2)
MAX379 only
(Note 6)
VA = 5V or 0V (Note 5)
VOUT = 0V, VIN = ±60V
(Notes 3, 4)
(Note 4)
µA
-1.0
1.0
IA
Input Leakage Current
(High or Low)
V
2.4
VAH
Input High Threshold
-100
100
k
3.0
4.0
V
0.8
VAL
Input Low Threshold
µA
25
IIN(OFF)
Input Leakage Current
(with Overvoltage)
µA
10
V
-15
+15
VAN
Analog Signal Range
nA
-50
50
IDIFF
Differential OFF Output
Leakage Current
nA
20
IOUT(OFF)
Output Leakage Current
(with Input Overvoltage)
VEN, VA
{
{}
Note 1: Derate 12.8mW/°C above TA = +75°C
VOUT = ±10V, IIN = 100µA
VAL = 0.8V, VAH = 2.4V
2.0
3.0
rDS(ON)
ON Resistance
Full
+25°C
Full
Full
Full
+25°C
Full
+25°C
-1.0
1.0
2.4
-100
100
3.0
4.0
0.8
40
20
-15
+15
-50
50
20
2.0
3.5
nA
-50
50
VIN = ±10V, VOUT =
10V
VEN = 0.8V (Note 6)
-0.5
0.03
0.5
IIN(OFF)
OFF Input Leakage Current
+25°C
-50
50
-1.0
0.03
1.0
nA
-200
200
VOUT = ±10V, VIN =
10V
VEN = 0.8V
MAX378
(Note 6)
MAX379
-1.0
0.1
1.0
IOUT(OFF)
OFF Output Leakage Current
+25°C
-200
200
-2.0
0.1
2.0
nA
-600
600
VIN(ALL) = VOUT = ±10V
VAH = VEN = 2.4V
MAX378
VAL = 0.8V (Note 5)
MAX379
-10
0.1
10
IOUT(ON)
ON Channel Leakage Current
+25°C
-600
600
-20
0.1
20
-300
300
-300
300
VIN = ±75V, VEN = VOUT = 0V
A0 = A1 = A2 = 0V or 5V
µA
10
IIN(OFF)
Input Leakage Current
(with Power Supplies Off)
+25°C
20
MIN TYP MAX
MIN TYP MAX
CONDITIONS
UNITS
-55°C to +125°C
SYMBOL
PARAMETER
TEMP
0°C to +70°C
and
-40°C to +85°C
STATIC
FAULT
CONTROL
Full
Full
Full
Full
Full
Full
Full


Similar Part No. - MAX379MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3793E/D MAXIM-MAX3793E/D Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
MAX3795 MAXIM-MAX3795 Datasheet
343Kb / 6P
   Allows Optical and Electrical Evaluation
Rev 0, 11/04
MAX3795ETG MAXIM-MAX3795ETG Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
More results

Similar Description - MAX379MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
logo
Analog Devices
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com