Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8SLVP1208 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8SLVP1208
Description  LVCMOS interface levels for the control input
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8SLVP1208 Datasheet(HTML) 4 Page - Integrated Device Technology

  8SLVP1208 Datasheet HTML 1Page - Integrated Device Technology 8SLVP1208 Datasheet HTML 2Page - Integrated Device Technology 8SLVP1208 Datasheet HTML 3Page - Integrated Device Technology 8SLVP1208 Datasheet HTML 4Page - Integrated Device Technology 8SLVP1208 Datasheet HTML 5Page - Integrated Device Technology 8SLVP1208 Datasheet HTML 6Page - Integrated Device Technology 8SLVP1208 Datasheet HTML 7Page - Integrated Device Technology 8SLVP1208 Datasheet HTML 8Page - Integrated Device Technology 8SLVP1208 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
8SLVP1208 DATA SHEET
LOW PHASE NOISE, 1-TO-8, 3.3V, 2.5V LVPECL OUTPUT
FANOUT BUFFER
4
REVISION 1 08/28/14
Table 4C. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V ± 5% or 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VCC = 3.465V
2.2
VCC + 0.3
V
VCC = 2.625V
1.7
VCC + 0.3
V
VIL
Input Low Voltage
VCC = 3.465V
-0.3
0.8
V
VCC = 2.625V
-0.3
0.7
V
IIH
Input High
Current
SEL
VCC =VIN = 3.465V or 2.625V
150
µA
IIL
Input Low
Current
SEL
VCC = 3.465V or 2.625V, VIN = 0V
-10
µA
Table 4D. LVPECL DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
1
NOTE 1: Input and output parameters vary 1:1 with VCC.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High
Current
PCLK0, nPCLK0
PCLK1, nPCLK1
VCC =VIN = 3.465V
150
µA
IIL
Input Low
Current
PCLK0, PCLK1
VCC = 3.465V, VIN = 0V
-10
µA
nPCLK0, nPCLK1
VCC = 3.465V, VIN = 0V
-150
µA
VREF
Reference Voltage for Input
Bias
IREF = 2mA
VCC – 1.83
VCC – 1.54
VCC – 1.25
V
VOH
Output High Voltage2
NOTE 2: Outputs terminated with 50
 to V
CC –2V.
VCC – 1.23
VCC – 1.16
VCC – 0.80
V
VOL
Output Low Voltage2
VCC – 1.97
VCC – 1.90
VCC – 1.70
V
Table 4E. LVPECL DC Characteristics, VCC = 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
1
NOTE 1: Input and output parameters vary 1:1 with VCC.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High
Current
PCLK0, nPCLK0
PCLK1, nPCLK1
VCC =VIN = 2.625V
150
µA
IIL
Input Low
Current
PCLK0, PCLK1
VCC = 2.625V, VIN = 0V
-10
µA
nPCLK0, nPCLK1
VCC = 2.625V, VIN = 0V
-150
µA
VREF
Reference Voltage for Input
Bias
IREF = 2mA
VCC – 1.64
VCC – 1.36
VCC – 1.09
V
VOH
Output High Voltage2
NOTE 2: Outputs terminated with 50
 to V
CC –2V.
VCC – 1.21
VCC – 1.00
VCC – 0.79
V
VOL
Output Low Voltage2
VCC – 1.92
VCC – 1.80
VCC – 1.67
V


Similar Part No. - 8SLVP1208

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8SLVP1208 RENESAS-8SLVP1208 Datasheet
1,012Kb / 25P
   Low Phase Noise, 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1208ANBGI RENESAS-8SLVP1208ANBGI Datasheet
1,012Kb / 25P
   Low Phase Noise, 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1208ANBGI/W RENESAS-8SLVP1208ANBGI/W Datasheet
1,012Kb / 25P
   Low Phase Noise, 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1208ANBGI8 RENESAS-8SLVP1208ANBGI8 Datasheet
1,012Kb / 25P
   Low Phase Noise, 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
More results

Similar Description - 8SLVP1208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS831752I IDT-ICS831752I Datasheet
977Kb / 16P
   LVCMOS interface levels for the control inputs
ICS831724I IDT-ICS831724I Datasheet
647Kb / 24P
   LVCMOS interface levels for all control inputs
86004I IDT-86004I Datasheet
231Kb / 13P
   CLK accepts the following input levels
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV51216EALL ISSI-IS62WV51216EALL Datasheet
1Mb / 18P
   TTL compatible interface levels
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV10248DALL ISSI-IS62WV10248DALL Datasheet
490Kb / 15P
   TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
   TTL compatible interface levels
IS62C5128BL ISSI-IS62C5128BL Datasheet
512Kb / 14P
   TTL compatible interface levels
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com