Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTBA5C10H8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTBA5C10H8
Description  N- AND P-Channel Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5C10H8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTBA5C10H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA5C10H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA5C10H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA5C10H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5C10H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5C10H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5C10H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5C10H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5C10H8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C744H8
Issued Date : 2015.03.27
Revised Date : 2015.03.30
Page No. : 5/13
MTBA5C10H8
CYStek Product Specification
Typical Characteristics : Q1( N-channel )
Typical Output Characteristics
0
2
4
6
8
10
12
01
2
34
5
Brekdown Voltage vs Ambient Temperature
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
VDS, Drain-Source Voltage(V)
10V, 9V, 8V, 7V, 6V, 5V, 4V
VGS=3V
Static Drain-Source On-State resistance vs Drain Current
100
1000
10000
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=3V
VGS=2.5V
VGS=4.5V
VGS=10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
1
IDR, Reverse Drain Current(A)
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
100
120
140
160
180
200
220
240
260
280
300
02
4
6
8
10
0
Tj=25°C
Tj=150°C
VGS=0V
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=10V, ID=2.5A
RDSON@Tj=25°C : 120mΩ typ
VGS, Gate-Source Voltage(V)
ID=2.5A


Similar Part No. - MTBA5C10H8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8-0-T6-G CYSTEKEC-MTBA5C10V8-0-T6-G Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

Similar Description - MTBA5C10H8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com