Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBRHDSH160 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBRHDSH160
Description  Low forward voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBRHDSH160 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBRHDSH160 Datasheet HTML 1Page - Central Semiconductor Corp CBRHDSH160 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central Semiconductor’s CBRHDSH1 series of full wave bridge
rectifiers offer a broad selection of voltages, including the new
200V CBRHDSH1-200. These devices are designed for high
voltage rectification applications where energy efficiency is a key
design requirement.
HD DIP
weblink scan
Use QR reader
for direct link to
product web page.
1.0A, 40V thru 200V Schottky Bridge Rectifier
in the HD DIP package
CBRHDSH1-100
CBRHDSH1-60
CBRHDSH1-200
CBRHDSH1-40L
Typical Electrical Characteristics
To order samples of this device visit:
www.centralsemi.com/info/CBRHDSH1
Maximum Ratings (TA = 25˚C)
Electrical Characteristics (TA = 25˚C unless otherwise noted)
VRRM
(V)
MAX
IO
(A)
MAX
TJ
(˚C)
MAX
Tstg
(˚C)
MAX
ΘJA
(˚C/W)
MAX
VF
@ IF
(V)
(V)
(A)
TYP
MAX
IR
@ VR
*TA = 100˚C
(μA)
(μA)
(V)
TYP
MAX
CBRHDSH1-40L
40
1.2
-50 to +125
-50 to +150
85
0.36
0.39
0.38
0.44
0.5
1.0
20
*5.0mA
50
*20mA
40
40
CBRHDSH1-60
60
1.0
-50 to +125
-50 to +150
85
0.43
0.5
0.5
0.6
0.5
1.0
7.0
*2.0mA
20
*10mA
60
60
CBRHDSH1-100
100
1.0
-50 to +125
-50 to +150
85
0.65
0.7
0.7
0.75
0.5
1.0
0.04
10
*20mA
100
100
CBRHDSH1-200
200
1.0
-50 to +125
-50 to +150
85
0.76
0.9
1.0
0.2
50
*20mA
200
200
145 Adams Avenue
Hauppauge New York 11788 USA www.centralsemi.com
• Energy efficiency
• Low total conduction losses
• Industry standard package/footprint
Benefits:
Samples
Features:
• Low forward voltage
• Low leakage current
• High current rating
• High voltage rating
Applications:
• Input rectification for LED lighting
• Power over ethernet (PoE) peripherals
• General purpose full wave rectification
Product Brief
Product Brief
Extended
Range:
200 Volts


Similar Part No. - CBRHDSH160

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRHDSH1-100 CENTRAL-CBRHDSH1-100 Datasheet
605Kb / 2P
   SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_12 Datasheet
871Kb / 3P
   SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_15 Datasheet
871Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-200 CENTRAL-CBRHDSH1-200 Datasheet
606Kb / 2P
   SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-200 CENTRAL-CBRHDSH1-200 Datasheet
1Mb / 2P
   1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package
More results

Similar Description - CBRHDSH160

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
   Low Forward Voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
   Low forward voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
   Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
   Low Forward Voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
   Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
   Low forward voltage
logo
Unisonic Technologies
TGBR20L45CL-TA3-T UTC-TGBR20L45CL-TA3-T Datasheet
154Kb / 3P
   Low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
   Low forward voltage
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
   low forward voltage
logo
Mospec Semiconductor
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
   Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
   Low Forward Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com