Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8P73S674 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 8P73S674
Description  Clock signal division and distribution
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P73S674 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 8P73S674 Datasheet HTML 4Page - Integrated Device Technology 8P73S674 Datasheet HTML 5Page - Integrated Device Technology 8P73S674 Datasheet HTML 6Page - Integrated Device Technology 8P73S674 Datasheet HTML 7Page - Integrated Device Technology 8P73S674 Datasheet HTML 8Page - Integrated Device Technology 8P73S674 Datasheet HTML 9Page - Integrated Device Technology 8P73S674 Datasheet HTML 10Page - Integrated Device Technology 8P73S674 Datasheet HTML 11Page - Integrated Device Technology 8P73S674 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8P73S674 DATA SHEET
1.8V LVPECL CLOCK DIVIDER
8
REVISION 1 12/17/14
1.8V Differential Clock Input Interface
The IN /nIN accepts LVDS and other differential signals. The
differential input signal must meet both the VPP and VCMR input
requirements. Figure 2A to Figure 2C show interface examples for
the IN /nIN input driven by the most common driver types. The input
interfaces suggested here are examples only. If the driver is from
another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements.
Receiv er
IN
nIN
VT
LVDS
Zo = 50
Zo = 50
1.8V
3.3V, 2.5V, 1.8V
Figure 2A. Differential Input Driven by an LVDS Driver
Receiv er
IN
nIN
VT
CML
Zo = 50
Zo = 50
1.8V
1.8V
Figure 2B. Differential Input Driven by a CML Driver
Receiv er
IN
nIN
VT
LVPECL
Zo = 50
Zo = 50
1.8V
2.5V, 1.8V
Figure 2C. Differential Input Driven by an LVPECL Driver


Similar Part No. - 8P73S674

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674NLGI IDT-8P73S674NLGI Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
logo
Renesas Technology Corp
8P73S674NLGI RENESAS-8P73S674NLGI Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674NLGI8 IDT-8P73S674NLGI8 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
More results

Similar Description - 8P73S674

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V79S674 IDT-8V79S674 Datasheet
420Kb / 21P
   Clock signal division and distribution
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
PulseCore Semiconductor
PCS2I99446 PULSECORE-PCS2I99446 Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Alliance Semiconductor ...
ASM2I99446 ALSC-ASM2I99446 Datasheet
575Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Renesas Technology Corp
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
logo
Integrated Device Techn...
IDT6T39007A IDT-IDT6T39007A Datasheet
282Kb / 15P
   CLOCK DISTRIBUTION CIRCUIT
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
   CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
   CLOCK DISTRIBUTION CIRCUIT
061711
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
   Multichannel clock distribution circuit
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com