Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX378MLP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX378MLP
Description  High-Voltage, Fault-Protected Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX378MLP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX378MLP Datasheet HTML 4Page - Maxim Integrated Products MAX378MLP Datasheet HTML 5Page - Maxim Integrated Products MAX378MLP Datasheet HTML 6Page - Maxim Integrated Products MAX378MLP Datasheet HTML 7Page - Maxim Integrated Products MAX378MLP Datasheet HTML 8Page - Maxim Integrated Products MAX378MLP Datasheet HTML 9Page - Maxim Integrated Products MAX378MLP Datasheet HTML 10Page - Maxim Integrated Products MAX378MLP Datasheet HTML 11Page - Maxim Integrated Products MAX378MLP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
_______________________________________________________________________________________
9
Digital Interface Levels
The typical digital threshold of both the address lines
and the EN pin is 1.6V, with a temperature coefficient of
about -3mV/°C. This ensures compatibility with 0.8V to
2.4V TTL-logic swings over the entire temperature
range. The digital threshold is relatively independent of
the supply voltages, moving from 1.6V typical to 1.5V
typical as the power supplies are reduced from ±15V to
±5V. In all cases, the digital threshold is referenced to
GND.
The digital inputs can also be driven with CMOS-logic
levels swinging from either V+ to V- or from V+ to GND.
The digital input current is just a few nanoamps of leak-
age at all input voltage levels, with a guaranteed maxi-
mum of 1µA. The digital inputs are protected from ESD
by a 30V zener diode between the input and V+, and
can be driven ±4V beyond the supplies without drawing
excessive current.
Operation as a Demultiplexer
The MAX378/MAX379 will function as a demultiplexer,
where the input is applied to the OUT pin, and the input
pins are used as outputs. The MAX378/MAX379 pro-
vide both break-before-make action and full fault protec-
tion when operated as a demultiplexer, unlike earlier
generations of fault-protected multiplexers.
Channel-to-Channel Crosstalk,
Off Isolation, and Digital Feedthrough
At DC and low frequencies, channel-to-channel
crosstalk is caused by variations in output leakage cur-
rents as the off-channel input voltages are varied. The
MAX378 output leakage varies only a few picoamps as
all seven off inputs are toggled from -10V to +10V. The
output voltage change depends on the impedance level
at the MAX378 output, which is RDS(ON) plus the input
signal source resistance in most cases, since the load
driven by the MAX378 is usually a high impedance. For
a signal source impedance of 10k
Ω or lower, the DC
crosstalk exceeds 120dB.
Table 2 shows typical AC crosstalk and off-isolation per-
formance. Digital feedthrough is masked by the analog
charge injection when the output is enabled. When the
output is disabled, the digital feedthrough is virtually
unmeasurable, since the digital pins are physically iso-
lated from the analog section by the GND and V- pins.
The ground plane formed by these lines is continued
onto the MAX378/MAX379 die to provide over 100dB
isolation between the digital and analog sections.
Table 1b. MAX379 Charge Injection
+1.7V
0V
-1.7V
+105pC
+73pC
+48pC
±10V
+5V
0V
-5V
+215pC
+135pC
+62pC
±15V
+10V
0V
-10V
+525pC
+180pC
+55pC
±5V
Test Conditions: CL = 1000pF on Out A and Out B; the tabulat-
ed analog input level is applied to inputs 1A and 1B; channels
2 through 4 are open circuited. EN = +5V, A1 = 0V, A0 is tog-
gled from 0V to 3V at a 2kHz rate.
+107pC
+74pC
+50pC
+220pC
+139pC
+63pC
+530pC
+185pC
+55pC
Out A
Out B
Injected Charge
-2pC
-1pC
-2pC
-5pC
-4pC
-1pC
-5pC
-5pC
0pC
Differential
A-B
Supply
Voltage
Analog
Input Level
Table 2a. Typical Off-Isolation
Rejection Ratio
Test Conditions: VIN = 20VP-P at the tabulated frequency,
RL = 1.5kΩ between OUT and GND, EN = 0V.
20VP-P
OIRR = 20 Log ____________
VOUT (P-P)
Frequency
100kHz
500kHz
1MHz
One Channel Driven
74dB
72dB
66dB
All Channels Driven
64dB
48dB
44dB
Table 2b. Typical Crosstalk
Rejection Ratio
Test Conditions: Specified RL connected from OUT to GND,
EN = +5V, A0 = A1 = A2 = +5V (Channel 1 selected). 20VP-P
at the tabulated frequency is applied to Channel 2. All other
channels are open circuited. Similar crosstalk rejection can be
observed between any two channels.
Frequency
100kHz
500kHz
1MHz
FL = 1.5k
70dB
68dB
64dB
RL = 10k
62dB
46dB
42dB


Similar Part No. - MAX378MLP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM MAXIM-MAX3783UCM Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM++ MAXIM-MAX3783UCM+ Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results

Similar Description - MAX378MLP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
logo
Analog Devices
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com