Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCP1500PS24 Datasheet(PDF) 8 Page - XP Power Limited

Part # HCP1500PS24
Description  6503000 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HCP1500PS24 Datasheet(HTML) 8 Page - XP Power Limited

  HCP1500PS24 Datasheet HTML 1Page - XP Power Limited HCP1500PS24 Datasheet HTML 2Page - XP Power Limited HCP1500PS24 Datasheet HTML 3Page - XP Power Limited HCP1500PS24 Datasheet HTML 4Page - XP Power Limited HCP1500PS24 Datasheet HTML 5Page - XP Power Limited HCP1500PS24 Datasheet HTML 6Page - XP Power Limited HCP1500PS24 Datasheet HTML 7Page - XP Power Limited HCP1500PS24 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
10-Feb-14
HCP Series
Application Notes
External Resistor (kΩ) - HCP1500
GND Pin
ACI Pin
1.7 kΩ - 56 kΩ
External Resistor (kΩ) - HCP3000
GND Pin
ACI Pin
0.91 kΩ - 25 kΩ
0.91
2.0
5.1
Open
40
60
80
100
25
1.7
Open
40
60
80
100
56
3.3
9.22
Output Current Program
+
-
+
-
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
CS
+
-
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
CS
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
CS
Load
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
CS
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
CS
VS-
VO-
AUX
VO+
VS+
EN+
EN-
GND
CS
Current Sharing with Remote Sensing
Current Sharing with Local Sensing
Notes
In parallel operation, it is possible that only one unit will operate if the load is less than 5% of the combined rated output load.
It is possible to have more than five units in parallel, contact sales for details.


Similar Part No. - HCP1500PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HCP1500 XPPOWER-HCP1500 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com