Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCP1000PS24 Datasheet(PDF) 2 Page - XP Power Limited

Part # HCP1000PS24
Description  6503000 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HCP1000PS24 Datasheet(HTML) 2 Page - XP Power Limited

  HCP1000PS24 Datasheet HTML 1Page - XP Power Limited HCP1000PS24 Datasheet HTML 2Page - XP Power Limited HCP1000PS24 Datasheet HTML 3Page - XP Power Limited HCP1000PS24 Datasheet HTML 4Page - XP Power Limited HCP1000PS24 Datasheet HTML 5Page - XP Power Limited HCP1000PS24 Datasheet HTML 6Page - XP Power Limited HCP1000PS24 Datasheet HTML 7Page - XP Power Limited HCP1000PS24 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ambient Temperature (°C)
0
10
30
50
-25
0
20
40
60
80
100
40
60
70
80
20
Input Voltage (VAC)
100
90
60
70
80
90
100
120
264
110
HCP650
Models and Ratings
Output Power
Output Voltage V1
Output Current
Standby Output(3)
Efficiency(2)
Model Number
Min
Max
500 W
5.0 VDC
0.0 A
100.0 A
5 V/0.5 A
83%
HCP650PS05
600 W
12.0 VDC
0.0 A
50.0 A
5 V/0.5 A
88%
HCP650PS12
600 W
15.0 VDC
0.0 A
40.0 A
5 V/0.5 A
88%
HCP650PS15
650 W
24.0 VDC
0.0 A
27.0 A
5 V/0.5 A
90%
HCP650PS24
650 W
27.0 VDC
0.0 A
24.0 A
5 V/0.5 A
90%
HCP650PS27
650 W
48.0 VDC
0.0 A
13.6 A
5 V/0.5 A
91%
HCP650PS48
Mechanical Details
Notes
1. Ripple & noise is measured with 20 MHz bandwidth and using 12” twisted pair-wire terminated with 0.1 µF & 47 µF capacitors in parallel.
2. Measured with 230 VAC input and full load.
3. Present whenever AC is applied.
Derating Curve
Thermal Derating Curve
Input Derating Curve
1.61 (40.9)
0.55 (14.0)
1.46 (37.0)
1.06 (26.9)
0.98 (25.0)
0.32 (8.0)
8.70 (221.0)
0.45 (11.5)
3-M4 (Both sides)
Max Length = 6 mm
0.81 (20.5)
Airflow
3-M4
Max Length = 4 mm
7.80 (198.0)
9.80 (249.0)
M6
Voltage Adj.
+V
-V
L
N
E
LED
CN9
2.52
(64.0)
2.91
(74.0)
5.00
(127.0)
Control Pin Connections
Pin
Function
Description
Pin
Function
Description
1
VS+
Remote Sense (+)
9
EN-
Enable ON/OFF (-)
2
VO+
Local Sense (+)
10
GND
Signal Ground
3
VS-
Remote Sense (-)
11
PWM (P-OK)
PWM is Switching
4
VO-
Local Sense (-)
12
GND
Signal Ground
5
5 V SB (Aux)
5 V Standby Output (+)
13
VCI
V Program
6
5 V SB (Aux)
5 V Standby Output (+)
14
GND
Signal Ground
7
EN+
Enable ON/OFF (+)
15
CS
Current Share
8
GND
Signal Ground
16
ACI
I Program
Notes
1. All dimensions are in inches (mm).
2. Weight 4.0 lb (1.8 kg)
3. Signals mating connector: PHDR-16VS housing,
SPHD-002T-P05 contacts


Similar Part No. - HCP1000PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HCP1000 XPPOWER-HCP1000 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
logo
Okaya Electric America,...
HCP1000V104K OKAYA-HCP1000V104K Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
HCP1000V104KS OKAYA-HCP1000V104KS Datasheet
328Kb / 1P
   CAPACITOR
HCP1000V105K OKAYA-HCP1000V105K Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
HCP1000V474K OKAYA-HCP1000V474K Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com