Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDS1500PS36 Datasheet(PDF) 4 Page - XP Power Limited

Part # HDS1500PS36
Description  1500 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HDS1500PS36 Datasheet(HTML) 4 Page - XP Power Limited

  HDS1500PS36 Datasheet HTML 1Page - XP Power Limited HDS1500PS36 Datasheet HTML 2Page - XP Power Limited HDS1500PS36 Datasheet HTML 3Page - XP Power Limited HDS1500PS36 Datasheet HTML 4Page - XP Power Limited HDS1500PS36 Datasheet HTML 5Page - XP Power Limited HDS1500PS36 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HDS1500 Series
www.xppower.com
4
AC-DC Power Supplies
Signals & Controls
LED Status
Output Status
Solid (Green)
DC Output OK
Solid (Orange)
DC Output OK in remote control mode
Slow Blink (Green)
Output Not Enabled
Fast Blink (Red)
Over Voltage
Solid (Red)
Over Loaded
Slow Blink (Red)
Over Temperature
Intermittent Blink (Red)
Fan Fail
Short & Long Blink (Red)
AUX Standby Failure
Remote Enable
(A) Using internal 5 V standby
(B) Using external transistor
(C) Using external voltage source
OFF
ON
Power OFF
Power ON
5 V SB
EN+
EN-
GND
OFF
ON
Power OFF
Power ON
SW
SW
5V
2KΩ
L
H
Power OFF
Power ON
5 V SB
EN+
EN-
GND
GND
L / H
5V
2KΩ
5 V SB
EN+
EN-
GND
5V
5V
2KΩ
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
2 / 3
A
±4 kV contact / ±8 kV air discharge
Radiated Immunity
EN61000-4-3
3A
EFT/Burst
EN61000-4-4
3A
Surge
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Magnetic Field
EN61000-4-8
3A
Dips and Interruptions
EN55024
DIP: 30% 500 ms
A/B
High Line/Low Line
INT: >95% 10 ms
A
INT: >95% 5000 ms
B
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class B
Radiated
EN55022
Class B
Harmonic Currents
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1
CSA
C22.2 No.60950-1
TUV
EN60950-1


Similar Part No. - HDS1500PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HDS1500PS36 XPPOWER-HDS1500PS36 Datasheet
1Mb / 6P
   AC-DC Power Supplies
More results

Similar Description - HDS1500PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HPU1K5 XPPOWER-HPU1K5_16 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
XP Power Limited
HPU1K5PS48 XPPOWER-HPU1K5PS48 Datasheet
527Kb / 4P
   1500 Watts HPU1K5 Series
logo
Powerbox
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Astec America, Inc
DS1500-3 ASTEC-DS1500-3 Datasheet
274Kb / 4P
   1500 Watts 12V Distributed Power System
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com