Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP350PS15 Datasheet(PDF) 5 Page - XP Power Limited

Part # SHP350PS15
Description  3501200 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP350PS15 Datasheet(HTML) 5 Page - XP Power Limited

  SHP350PS15 Datasheet HTML 1Page - XP Power Limited SHP350PS15 Datasheet HTML 2Page - XP Power Limited SHP350PS15 Datasheet HTML 3Page - XP Power Limited SHP350PS15 Datasheet HTML 4Page - XP Power Limited SHP350PS15 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
21-Oct-13
SHP1000
Mechanical Details
Models and Ratings
Output Voltage V1
Output Current V1
Standby Supply V2
Output Power
Model Number
<180 VAC
>180 VAC
<180 VAC
>180 VAC
12 V
83.0 A
5 V / 1.0 A
1000 W
SHP1000PS12
15 V
67.0 A
5 V / 1.0 A
1010 W
SHP1000PS15
24 V
42.0 A
50.0 A
5 V / 1.0 A
1013 W
1200 W
SHP1000PS24
28 V
36.0 A
43.0 A
5 V / 1.0 A
1013 W
1200 W
SHP1000PS28
36 V
28.0 A
34.0 A
5 V / 1.0 A
1013 W
1200 W
SHP1000PS36
48 V
21.0 A
25.0 A
5 V / 1.0 A
1013 W
1200 W
SHP1000PS48
1. Dimensions shown in inches (mm).
2. Weight: 4.6 lb (2.08 kg)
3. J3 Mating Plug: JST part no. PHDR-10VS,
contact: 26-22AWG JST part no. SPHD-001T-P0.5
Notes
CL
4.50
(114.3)
1.20 (30.5)
Pin 2
Pin 1
Pin 10
Pin 9
Detail A J3: Logic Connector
9.41 (238.9)
BB
BB
BB
4 x M4-0.7 THD both side faces
0.15 (3.8) max screw penetration
max torque 10.62 lbs-in (1.2 Nm)
4 x M4-0.7 THD both side faces
0.15 (3.8) max screw penetration
max torque 10.62 lbs-in (1.2 Nm)
Airflow
1.33 (33.8)
6.70 (170.2)
L
N
A
9.48 (240.9)
5.90
(149.8)
2.91
(73.9)
1.20 (30.5)
1.47
(37.4)
9.55 (242.64)
2.40 (61.0)
V1 Adjustment
Output On, LED
Standard Terminal Block, M4 Screw
3 Pins 0.37 (9.5) center
Torque 10.62 lbs-in (1.2 Nm)
Standard Terminal Block, M6 Screw, 4 Pins 0.62 (16.0) center
Torque 26.0 lbs-in (2.94 Nm)
J3 Logic Connector
(JST B10B-PHDSS)
Pin
Function
1
+ Sense
2
- Sense
3
AC OK/Power Fail
4
- Sense
5
Current Share
6
Current Share
7
+ Inhibit
8
- Inhibit
9
+5 V Standby
10
-5 V Standby


Similar Part No. - SHP350PS15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP350PS15 XPPOWER-SHP350PS15 Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
SHP350PS15 XPPOWER-SHP350PS15 Datasheet
3Mb / 26P
   420 W High Line Output Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com