Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTC-P06-A0E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-P06-A0E
Description  RFID Reader for UTC-500 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-P06-A0E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-P06-A0E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ubiquitous Touch Computer 5XX Modules
Specifications
Interface
USB (Cable Length:50cm)
Card Acceptor/ Reliability
User card Friction Type (ID-1) , 200,000 cycles
Card Reader
CPU card -Complies with ISO7816-1,2,3,T=1 and T=0
protocol
Memory card -Synchronous 2-line, 3-line and I2C interface
LED
Dual color LED indicator
Complies with PC/SC version 1.0 standards
OS Support
Windows XP/ 7
Dimensions
130 x 35 x 40 mm
Operating Temperature
0 ~ 40° C
RoHS
COMPLIANT
2002/95/EC
UTC-P06
Smart Card Reader for UTC-500 Series
UTC-500 Peripherals Series Installation Guide
The UTC-500's
uniquely designed
Side groove creates
an attachment area
that runs all around
the frame; customer
can easily attach
Peripherals to it
where they need
Attach the
UTC-peripheral to the
UTC 500 series side
groove
Fasten the 2 screws
to fix the peripheral
in place
Specifications
Interface
USB
Frequency
13.56MHz
NFC R/W Mode
NFC Type V/2/3/4
HF RFID R/W
ISO 15693, ISO14443A, ISO14443B
Support Tag Specification
Standard
Tag Model
UID
R/W
Application
NFC Type 2
NXP NTAG 213/215/216
OK
OK
Brand Protection
NXP Mifare S50/S70
OK
OK
Electronic Wallet
NFC Type 3
Sony Felica RCS 919/965/966
OK
OK
e-tickets
NFC Type 4
NXP Mifare DesFire EV1 4K
OK
Personal identification
Panasonic MN63Y1213
OK
OK
BT and Wifi pairing
ISO 15693
(NFC Type V)
TI Tag-it Standard/Pro/Plus
OK
OK
Libraries
ST LRI2K
OK
OK
Access control
NXP ICODE SLIX/SLI/SLI-L
OK
OK
Patrol
Infineon my-d SRF55V02P
OK
OK
Mass transit and event
ticketing
Fujitsu/MM89R118/119
OK
OK
Medical equipment
ST M24LR04/16/64
OK
OK
Electronic shelf label
ISO 14443A
NXP Mifare Ulralight /Plus X /
Plus S
OK
Asset tracking
ISO 14443B
ST SRIX4K
OK
OK
e-purses
Reading Range
5cm ± 1cm
OS Support
Windows XP/7/8, Android, Linux
Dimensions
130 x 35 x 40 mm
Operating Temperture
0 ~ 40° C
RoHS
COMPLIANT
2002/95/EC
UTC-P03-A1E (F/W:V1.2)
RFID Reader for UTC-500 Series
Packing List
Description
Quantity
Cable Clamp
2
RFID Reader Unit
1
Ordering Information
P/N
Description
UTC-P03-A1E
RFID reader for UTC-500 series
Packing List
Description
Quantity
Cable Clamp
2
Smart Card Reader Unit
1
Ordering Information
P/N
Description
UTC-P06-A0E
Smart card reader for UTC-500 series
All product specifications are subject to change without notice
Last updated : 17-Jun-2015


Similar Part No. - UTC-P06-A0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-P06-A0E ADVANTECH-UTC-P06-A0E Datasheet
567Kb / 2P
   32 Ubiquitous Touch Computer
UTC-P06-A0E ADVANTECH-UTC-P06-A0E Datasheet
555Kb / 2P
   32' Ubiquitous Touch Computer
UTC-P06-A0E ADVANTECH-UTC-P06-A0E Datasheet
442Kb / 2P
   21.5' Ubiquitous Touch Computer
UTC-P06-A0E ADVANTECH-UTC-P06-A0E Datasheet
386Kb / 2P
   15.6' Ubiquitous Touch Computer
UTC-P06-A0E ADVANTECH-UTC-P06-A0E Datasheet
756Kb / 4P
   21.5" Ubiquitous Touch Computer
29-Dec-2022
More results

Similar Description - UTC-P06-A0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-300P-R ADVANTECH-UTC-300P-R Datasheet
211Kb / 1P
   RFID Reader for UTC-300 Series
2-Apr-2015
UTC-300P-R10E ADVANTECH-UTC-300P-R10E Datasheet
211Kb / 1P
   RFID Reader for UTC-300 Series
UTC-300P-R ADVANTECH-UTC-300P-R_V01 Datasheet
277Kb / 1P
   RFID Reader for UTC-315/318/320 Series
31-Mar-2021
UTC-542P-B ADVANTECH-UTC-542P-B Datasheet
431Kb / 1P
   Barcode Reader for UTC-542 Series
29-Nov-2016
UTC-510P-B ADVANTECH-UTC-510P-B Datasheet
417Kb / 1P
   Barcode Reader for UTC-510 Series
15-Apr-2016
UTC-300P-S ADVANTECH-UTC-300P-S Datasheet
211Kb / 1P
   Smart Card Reader for UTC-300 Series
UTC-P01 ADVANTECH-UTC-P01 Datasheet
403Kb / 1P
   Camera Module for UTC-500 Series
UTC-P01-A1E ADVANTECH-UTC-P01-A1E Datasheet
403Kb / 1P
   Camera Module for UTC-500 Series
UTC-307 ADVANTECH-UTC-307 Datasheet
419Kb / 2P
   Fingerprint Module for UTC-500 Series
26-Dec-2017
UTC-500 ADVANTECH-UTC-500 Datasheet
409Kb / 1P
   Fingerprint Module for UTC-500 Series
26-Dec-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com