Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTC-315DR-ATB0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-315DR-ATB0E
Description  15.6" Ubiquitous Touch Computer UTC-315D with Intel짰 BayTrail J1900 UTC-315E with Intel Haswell i5-4300U
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-315DR-ATB0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-315DR-ATB0E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-315DR-ATB0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
UTC-315D/E
Fully- Integrated I/O
A. COM1
B. COM2
C. Line-out
D. Mic in
E. LAN ports x 2
F. HDMI
G. USB 2.0 x 5 / USB 3.0 x 1 (UTC-315D)
USB 2.0 x 2 / USB 3.0 x 4 (UTC-315E)
H. Power button
I. DC input 12V (UTC-315D)
12-30V (UTC-315E)
A
B
C D
F
E
G
H
I
Ordering Information
Part No.
Description
UTC-315DR-ATW0E
15.6" White, Intel® Celeron J1900, Res T/S, 4 GB RAM,
IT Adapter
UTC-315DR-ATB0E
15.6" Black, Intel® Celeron J1900, Res T/S, 4 GB RAM,
IT Adapter
UTC-315DP-ATW0E
15.6" White, Intel® Celeron J1900, PCap T/S. 4 GB RAM,
IT Adapter
UTC-315DP-ATB0E
15.6" Black, Intel® Celeron J1900, PCap T/S. 4 GB RAM,
IT Adapter
UTC-315ER-ATW0E
15.6" White, Intel Core i5-4300U, Res T/S 4GB RAM,
IT Adapter
UTC-315ER-ATB0E
15.6" Black, Intel Core i5-4300U, Res T/S 4GB RAM,
IT Adapter
UTC-315EP-ATW0E
15.6" White, Intel Core i5-4300U, PCap T/S 4GB RAM,
IT Adapter
UTC-315EP-ATB0E
15.6" Black, Intel Core i5-4300U, PCap T/S 4GB RAM,
IT Adapter
UTC-315 WiFi Ordering Information
Part No.
Description
UTC-300P-W10E
WiFi Antenna x 2 pcs
WiFi Module x 1 pc
Screws for module x 2pcs
Installation Accessory
Part No.
Description
UTC-300P-D10E
Desk Stand, Single Color-Silver, for UTC-315
UTC-WALL-MOUNT1E
Wall Mount kit
UTC-WALL-MOUNT3E
Wall Mount Kit
UTC-T01-STANDE
Triangle shape floor stand
UTC-H01-STANDE
H-shaped floor stand
UTK-500F-A0E
Floor stand with SNBC BTP-U81 thermal printer
(for China only)
UTK-500S-A0E
Floor stand without thermal printer
UTK-500G-A0E
Floor stand with thermal printer bracket
Peripherals for UTC-315 series
Part No.
Description
UTC-300P-C10E
5M Camera Module, White, for UTC-315
UTC-300P-C11E
5M Camera Module, Black, for UTC-315
UTC-300P-M10E
Magnet Strip Reader, White, for UTC-315
UTC-300P-M11E
Magnet Strip Reader, Black, for UTC-315
UTC-300P-R10E
RFID Reader, White, for UTC-315
UTC-300P-R11E
RFID Reader, Black, for UTC-315
UTC-300P-RH10E
RFID Reader, HID, White, for UTC-315
UTC-300P-S10E
Smart Card Reader, White, for UTC-315
UTC-300P-S11E
Smart Card Reader, Black, for UTC-315
UTC-300P-B10E
1D Barcode Reader, Cino, for UTC-315
UTC-300P-B11E
2D Barcode Reader, Cino, for UTC-315
UTC-300P-B30E
1D Barcode, Newland, for UTC-315
UTC-300P-B31E
2D Barcode, Newland, for UTC-315
402.0
75.0
75.0
402.0
19.0
7.0
387.3
362.6


Similar Part No. - UTC-315DR-ATB0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-315DR-ATB0E ADVANTECH-UTC-315DR-ATB0E Datasheet
490Kb / 2P
   15.6 Ubiquitous Touch Computer
22-Mar-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com