Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POC-S198-25F-BTE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # POC-S198-25F-BTE
Description  19" Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-S198-25F-BTE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  POC-S198-25F-BTE Datasheet HTML 1Page - Advantech Co., Ltd. POC-S198-25F-BTE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Computing System
Chipset
Intel QM67
CPU
Intel Core i7-3555LE Processor (4M Cache, 2.5 GHz, up to 3.2 GHz)
Memory
Up to 16 GB DDR3 1600 MHz SDRAM
Graphics Controller
Integrated Intel HD Graphics
Operating System
XPP, Win 7
Display
Display Size
19" TFT-LCD (4:3)
Max. Resolution
1280 x 1024 (H x V)
Max. Colors
16.7 M colors
Pixel Pitch (mm)
0.294 x 0.294
Viewing Angle
178°/178° *
Luminance
300 cd/m2 *
LCD MTBF
50,000 Hours
Contrast Ratio
2000 : 1
Expansion Slot
Mini PCIe
1 x Mini PCIe slot
I/O Ports
Type A
Type B
Serial Ports
1 x RS-232 (isolated) and
1 x RS-232/422/485 (isolated) serial port
1 x RS-232
2 x RS-232 (isolated)
1 x RS-232/422/485 (isolated) serial port
USB 2.0 Ports
4
3
DVI-I Ports
1
-
LAN Ports
2 x Gigabit Ethernet (isolated) interfaces (RJ-45)
1 x Gigabit Ethernet (isolated) interfaces (RJ-45)
Speakers
2 x 2W
2 x 2W
Storage
HDD or SSD
1 x 2.5" SATA
Power Supply
DC Model
AC/DC adapter (Sinpro Model no.HPU101-107)
Input Voltage
90 ~ 260 VAC, 1.35 ~ 0.5 A, 47 ~ 63 Hz
Output Voltage
+18 VDC, 5.55 A max. (100 watts)
Optional Functions
Battery
3S2P 4200mAH, supports 0.5 hr backup operation
WLAN
Integrated wireless 802.11 a/b/g/n connection & internal antenna
RFID
13.56 MHz with ISO-15693 & ISO-14443A/B and active tag function
Smart Card Reader
Complies with ISO7816-1,2,3,T=1 and T=0 protocol; Factory build for TPN process only. Non-compliant with
IP54 rating
Bluetooth
Integrated Bluetooth v4.0
Touchscreen
Analog Resistive
Projected Capacitive 4-points
Light Transmission
81%
90%
Controller
RS-232 interface (use COM6)
USB Interface
IP Rating
Front Panel
IP65
Full System
IP54
Certifications
UL60601-1/EN60601-1, CE & FCC Class B certified
Environment
Temperature
0 ~ 40° C (32 ~ 104° F) (Operating)
Humidity
10 ~ 95% @ 40° C (Non-condensing)
Shock Resistance
20 G peak acceleration (11 ms duration)
Physical Characteristics
Dimensions (W x H x D)
470.5 x 415.2 x 102.2 mm (18.52" x 16.35" x 4.02")
Weight
7.5 kg (16.5 lb)
* Viewing Angle and Luminance are measured by in relation to the display module. Values can vary based on different materials used in top layer.
POC-S198
19" Slim Point-of-Care Terminal with
IP54 Enclosure and Multi-touch Screen
ƒ 19" LCD display with 16.7 M colors
ƒ 3rd Generation Intel® Core™ i7 processor
ƒ True flat panel with resistive or multi-touch projective capacitive touchscreen
ƒ Fanless design with full system IP54 dust and splash protection
ƒ Isolated design provides unique electric leakage protection for COM and LAN
ports
ƒ UL60601-1/EN60601-1 third edition certified ensures highest levels of safety
and reliability
ƒ Optional Bluetooth, RFID, WLAN, and Li-ion battery pack
ƒ Built-in POC intelligent software solution for easy management
All product specifications are subject to change without notice.
Last updated : 10-Jul-2014


Similar Part No. - POC-S198-25F-BTE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S198-25F-BTE ADVANTECH-POC-S198-25F-BTE Datasheet
716Kb / 2P
   19 Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-S198-25F-BTE ADVANTECH-POC-S198-25F-BTE Datasheet
716Kb / 2P
   19' Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com