Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82P33741 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # 82P33741
Description  Differential reference inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33741 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button 82P33741 Datasheet HTML 4Page - Integrated Circuit Systems 82P33741 Datasheet HTML 5Page - Integrated Circuit Systems 82P33741 Datasheet HTML 6Page - Integrated Circuit Systems 82P33741 Datasheet HTML 7Page - Integrated Circuit Systems 82P33741 Datasheet HTML 8Page - Integrated Circuit Systems 82P33741 Datasheet HTML 9Page - Integrated Circuit Systems 82P33741 Datasheet HTML 10Page - Integrated Circuit Systems 82P33741 Datasheet HTML 11Page - Integrated Circuit Systems 82P33741 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
82P33741 SHORT FORM DATA SHEET
PORT SYNCHRONIZER FOR IEEE 1588 AND
10G/40G SYNCHRONOUS ETHERNET
8
REVISION 1 09/23/14
1.1
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
1.1.1
INPUTS
Control Pins
All control pins have internal pull-ups or pull-downs; additional resis-
tance is not required but can be added for additional protection. A 1kΩ
resistor can be used.
Single-Ended Clock Inputs
For protection, unused single-ended clock inputs should be tied to
ground.
Differential Clock Inputs
For applications not requiring the use of a differential input, both
*_POS and *_NEG can be left floating. Though not required, but for
additional protection, a 1kΩ resistor can be tied from _POS to ground.
XTAL Inputs
For applications not requiring the use of a crystal oscillator input,
both _IN and _OUT can be left floating. Though not required, but for
additional protection, a 1kΩ resistor can be tied from _IN to ground.
1.1.2
OUTPUTS
Status Pins
For applications not requiring the use of a status pin, we recommend
bringing out to a test point for debugging purposes.
Single-Ended Clock Outputs
All unused single-ended clock outputs can be left floating, or can be
brought out to a test point for debugging purposes.
Differential Clock Outputs
All unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.
Power & Ground
C1, C6, C7, D2, F2, F9,
G2, H2, K1, K2
VDDA
Power
-
VDDA: Analog Core Power - +3.3V DC nominal
A5, A7, B2, B3, L4, M4
VDDAO
Power
VDDAO: Analog Output Power - +3.3V DC nominal
E4, E6, L7, M8
VDDDO
Power
VDDDO: Digital Output Power - +3.3V DC nominal
D5, F7
VDDD
Power
VDDD: Digital Core Power - +3.3V DC nominal
L10, H12
VDDD_1_8
Power
VDDD_1_8: Digital Core Power - +1.8V DC nominal
B9, C2, D1, D6, D7, E2,
E8, F3, F8, H3, L1, L2
VSSA
Ground
-
VSSA: Ground
B1, B4, B5, B7, K4, M3
VSSAO
Ground
VSSAO: Ground
E7, F4, K7, M7
VSSDO
Ground
VSSDO: Ground
D4, F6, H11, L9
VSSD
Ground
VSSD: Ground
D3
VSSCOM
Ground
-
VSSCOM: Ground
C3, F5, G4, G5, G6, G8,
H4, H5, H6, H7, H8, J3,
J4, J5, J6, J7, J8
VSS
Ground
-
VSS: Ground
Other
C8, C10, E3, G3, G7, K8
K9, K10, L6, M9, M10
IC
-
-
IC: Internal Connection
Internal Use. This pin must be left open for normal operation.
Table 1: Pin Description (Continued)
Pin No.
Name
I/O
Type
Description


Similar Part No. - 82P33741

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
754Kb / 58P
   Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Renesas Technology Corp
82P33741 RENESAS-82P33741 Datasheet
1Mb / 59P
   Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
September 15, 2017
logo
Integrated Device Techn...
82P33741BAG IDT-82P33741BAG Datasheet
813Kb / 61P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741BAG IDT-82P33741BAG Datasheet
754Kb / 58P
   Port Synchronizer for IEEE 1588 Synchronous Ethernet
More results

Similar Description - 82P33741

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33814 IDT-82P33814 Datasheet
235Kb / 13P
   Differential reference inputs
logo
Integrated Circuit Syst...
82P33714 ICST-82P33714 Datasheet
209Kb / 13P
   Differential reference inputs
82P33724 ICST-82P33724 Datasheet
208Kb / 13P
   Differential reference inputs
logo
Elpida Memory
EDJ1108DJBG ELPIDA-EDJ1108DJBG Datasheet
448Kb / 33P
   Differential clock inputs
EDJ2108DEBG ELPIDA-EDJ2108DEBG Datasheet
565Kb / 33P
   Differential clock inputs
EDJ2108EEBG ELPIDA-EDJ2108EEBG Datasheet
606Kb / 32P
   Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
   Differential clock inputs
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
   Differential clock inputs
logo
Integrated Device Techn...
9DMU0131 IDT-9DMU0131 Datasheet
113Kb / 10P
   HCSL differential inputs
logo
Elpida Memory
EDJ4204BFBG ELPIDA-EDJ4204BFBG Datasheet
526Kb / 32P
   Differential clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com