Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DMU0131 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DMU0131
Description  Spread Spectrum Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMU0131 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 9DMU0131 Datasheet HTML 2Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 3Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 4Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 5Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 6Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 7Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 8Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 9Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
REVISION A 09/30/14
9
2:1 1.5V PCIE GEN1-2-3 CLOCK MUX
9DMU0131 DATASHEET
Revision History
Rev.
Initiator Issue Date Description
Page #
A
RDW
9/29/2014
1. Update front page text and electrical tables with char data.
2. Update pinout diagram with note about package paddle.
3. Move to final.
Various


Similar Part No. - 9DMU0131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMU0131 IDT-9DMU0131 Datasheet
113Kb / 10P
   HCSL differential inputs
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
   2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
More results

Similar Description - 9DMU0131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
   Spread Spectrum Compatible
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
   Spread Spectrum Compatible
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
   Spread Spectrum Compatible
9DMV0441 IDT-9DMV0441 Datasheet
252Kb / 12P
   Spread Spectrum Compatible
logo
Integrated Circuit Syst...
9DMU0441 ICST-9DMU0441 Datasheet
121Kb / 11P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
9DB433 IDT-9DB433 Datasheet
231Kb / 17P
   Spread Spectrum Compatible
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com