Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0831 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # 9DBV0831
Description  62mW typical power consumption in PLL mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0831 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  9DBV0831 Datasheet HTML 1Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 2Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 3Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 4Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 5Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 6Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 7Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 8Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
REVISION G 03/02/15
5
8 O/P 1.8V PCIE GEN1-2-3 ZERO-DELAY/FAN-OUT BUFFER (ZDB/FOB)
9DBV0831 DATASHEET
Pin Descriptions (cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
39
VDDIO
PWR
Power supply for differential outputs
40
GND
GND
Ground pin.
41
DIF6
OUT
Differential true clock output
42
DIF6#
OUT
Differential Complementary clock output
43
vOE6#
IN
Active low input for enabling DIF pair 6. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
44
DIF7
OUT
Differential true clock output
45
DIF7#
OUT
Differential Complementary clock output
46
vOE7#
IN
Active low input for enabling DIF pair 7. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
47
VDDIO
PWR
Power supply for differential outputs
48
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high
assertion. Low enters Power Down Mode, subsequent high assertions exit
Power Down Mode. This pin has internal pull-up resistor.
49
EPAD
GND
Connect to Ground


Similar Part No. - 9DBV0831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0831 IDT-9DBV0831 Datasheet
322Kb / 19P
   HCSL compatible differential input
9DBV0831 IDT-9DBV0831 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
logo
Renesas Technology Corp
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
   8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
logo
Integrated Device Techn...
9DBV0831AKILF IDT-9DBV0831AKILF Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
9DBV0831AKILFT IDT-9DBV0831AKILFT Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
More results

Similar Description - 9DBV0831

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0441 ICST-9DBV0441 Datasheet
212Kb / 17P
   53mW typical power consumption in PLL mode
9DBV0631 ICST-9DBV0631 Datasheet
166Kb / 17P
   55mW typical power consumption in PLL mode
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
logo
Raltron Electronics Cor...
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
ATMEL Corporation
ATAR080 ATMEL-ATAR080_14 Datasheet
883Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
logo
Source Photonics, Inc.
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com