Electronic Components Datasheet Search |
|
9DBU0831 Datasheet(PDF) 4 Page - Integrated Circuit Systems |
|
9DBU0831 Datasheet(HTML) 4 Page - Integrated Circuit Systems |
4 / 17 page 8 O/P 1.5V PCIE GEN1-2-3 ZDB/FOB 4 REVISION C 04/22/15 9DBU0831 DATASHEET Pin Descriptions (cont.) Test Loads Driving LVDS PIN # PIN NAME TYPE DESCRIPTION 41 DIF6 OUT Differential true clock output 42 DIF6# OUT Differential Complementary clock output 43 vOE6# IN Active low input for enabling DIF pair 6. This pin has an internal pull-down. 1 =disable outputs, 0 = enable outputs 44 DIF7 OUT Differential true clock output 45 DIF7# OUT Differential Complementary clock output 46 vOE7# IN Active low input for enabling DIF pair 7. This pin has an internal pull-down. 1 =disable outputs, 0 = enable outputs 47 VDDIO PWR Power supply for differential outputs 48 ^CKPWRGD_PD# IN Input notifies device to sample latched inputs and start up on first high assertion. Low enters Power Down Mode, subsequent high assertions exit Power Down Mode. This pin has internal pull-up resistor. 49 EPAD GND Connect ePAD to ground. Rs Rs Low-Power Differential Output Test Load 2pF 2pF 5 inches Zo=100 Note: The device can drive tranmission line lengths greater than those allowed by the PCIe SIG. Alternate Differential Output Terminations Rs Zo Units 33 100 27 85 Ohms Driving LVDS inputs Receiver has termination Receiver does not have termination R7a, R7b 10K ohm 140 ohm R8a, R8b 5.6K ohm 75 ohm Cc 0.1 uF 0.1 uF Vcm 1.2 volts 1.2 volts Component Value Note Rs Device Rs Zo Driving LVDS Cc Cc R7a R7b R8a R8b LVDS Clock input 3.3V |
Similar Part No. - 9DBU0831 |
|
Similar Description - 9DBU0831 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |