Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBU0531 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 9DBU0531
Description  slew rate for each output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBU0531 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  9DBU0531 Datasheet HTML 1Page - Integrated Circuit Systems 9DBU0531 Datasheet HTML 2Page - Integrated Circuit Systems 9DBU0531 Datasheet HTML 3Page - Integrated Circuit Systems 9DBU0531 Datasheet HTML 4Page - Integrated Circuit Systems 9DBU0531 Datasheet HTML 5Page - Integrated Circuit Systems 9DBU0531 Datasheet HTML 6Page - Integrated Circuit Systems 9DBU0531 Datasheet HTML 7Page - Integrated Circuit Systems 9DBU0531 Datasheet HTML 8Page - Integrated Circuit Systems 9DBU0531 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REVISION D 04/22/15
3
5 O/P 1.5V PCIE GEN1-2-3 FAN-OUT BUFFER
9DBU0531 DATASHEET
Pin Descriptions
Pin# Pin Name
Type
Pin Description
1vOE4#
IN
Active low input for enabling DIF pair 4. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
2
DIF4
OUT
Differential true clock output
3
DIF4#
OUT
Differential Complementary clock output
4
VDDR1.5
PWR
1.5V power for differential input clock (receiver). This VDD should be treated
as an Analog power rail and filtered appropriately.
5
CLK_IN
IN
True Input for differential reference clock.
6
CLK_IN#
IN
Complementary Input for differential reference clock.
7
GNDR
GND
Analog Ground pin for the differential input (receiver)
8
GNDDIG
GND
Ground pin for digital circuitry
9
VDDDIG1.5
PWR
1.5V digital power (dirty power)
10
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
12
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
13
DIF0
OUT
Differential true clock output
14
DIF0#
OUT
Differential Complementary clock output
15
GND
GND
Ground pin.
16
VDDO1.5
PWR
Power supply for outputs, nominally 1.5V.
17
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
DIF1
OUT
Differential true clock output
19
DIF1#
OUT
Differential Complementary clock output
20
GNDA
GND
Ground pin for the PLL core.
21
VDDA1.5
PWR
1.5V power for the PLL core.
22
DIF2
OUT
Differential true clock output
23
DIF2#
OUT
Differential Complementary clock output
24
vOE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
25
VDDO1.5
PWR
Power supply for outputs, nominally 1.5V.
26
GND
GND
Ground pin.
27
DIF3
OUT
Differential true clock output
28
DIF3#
OUT
Differential Complementary clock output
29
vOE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
30
GND
GND
Ground pin.
31
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high
assertion. Low enters Power Down Mode, subsequent high assertions exit
Power Down Mode. This pin has internal pull-up resistor.
32
^SADR_tri
LATCHED
IN
Tri-level latch to select SMBus Address. See SMBus Address Selection
Table.
33
EPAD
GND
Connect ePAD to ground.


Similar Part No. - 9DBU0531

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531 Datasheet
184Kb / 16P
   HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0531AKILF IDT-9DBU0531AKILF Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0531AKILFT IDT-9DBU0531AKILFT Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0531AKLF IDT-9DBU0531AKLF Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
More results

Similar Description - 9DBU0531

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
   slew rate for each output
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
   slew rate for each output
9DBU0831 ICST-9DBU0831 Datasheet
308Kb / 17P
   slew rate for each output
9DBU0231 ICST-9DBU0231 Datasheet
295Kb / 17P
   slew rate for each output
9DBU0431 ICST-9DBU0431 Datasheet
194Kb / 16P
   slew rate for each output
9DBU0441 ICST-9DBU0441 Datasheet
195Kb / 16P
   slew rate for each output
9DBV0231 ICST-9DBV0231 Datasheet
306Kb / 17P
   slew rate for each output
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
9DBU0941 ICST-9DBU0941 Datasheet
303Kb / 17P
   slew rate for each output
9DBU0841 ICST-9DBU0841 Datasheet
309Kb / 17P
   slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com