Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBU0441 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # 9DBU0441
Description  slew rate for each output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBU0441 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button 9DBU0441 Datasheet HTML 3Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 4Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 5Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 6Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 7Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 8Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 9Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 10Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REVISION C 04/22/15
7
4 O/P 1.5V PCIE GEN1-2-3 ZDB/FOB W/ZO=100OHMS
9DBU0441 DATASHEET
Electrical Characteristics–Low-Power HCSL Outputs
Electrical Characteristics–Current Consumption
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
dV/dt
Scope averaging on, fast setting (100MHz)
1
2.4
3.5
V/ns
1,2,3
dV/dt
Scope averaging on, slow setting (100MHz)
0.7
1.7
2.5
V/ns
1,2,3
Slew rate matching
ΔdV/dt
Slew rate matching, Scope averaging on
9
20
%
1,2,4
Voltage High
VHIGH
630
750
850
7
Voltage Low
VLOW
-150
26
150
7
Max Voltage
Vmax
763
1150
7
Min Voltage
Vmin
-300
22
7
Vswing
Vswing
Scope averaging off
300
1448
mV
1,2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
390
550
mV
1,5
Crossing Voltage (var)
Δ-Vcross
Scope averaging off
11
140
mV
1,6
2 Measured from differential waveform
7 At default SMBus settings.
Slew rate
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
mV
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting
Δ-Vcross to be smaller than Vcross absolute.
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDR
VDDR @100MHz
4
6
mA
1
IDDDIG
VDDIG, All outputs @100MHz
0.125
0.25
mA
1
IDDAO
VDDA+VDDO, PLL Mode, All outputs @100MHz
25
30
mA
1
IDDRPD
VDDR, CKPWRGD_PD# = 0
0.1
0.3
mA
1,2,3
IDDDIGPD
VDDDIG, CKPWRGD_PD# = 0
0.1
0.2
mA
1,2
IDDAOPD
VDDA+VDDO, CKPWRGD_PD# = 0
0.5
1
mA
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Input clock stopped.
3 In bypass mode, the PLL is off and IDDAO is ~50% of this value.
Operating Supply Current
Powerdown Current


Similar Part No. - 9DBU0441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
   HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0441 RENESAS-9DBU0441 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
4/22/15
More results

Similar Description - 9DBU0441

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
   slew rate for each output
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
   slew rate for each output
9DBU0831 ICST-9DBU0831 Datasheet
308Kb / 17P
   slew rate for each output
9DBU0231 ICST-9DBU0231 Datasheet
295Kb / 17P
   slew rate for each output
9DBU0431 ICST-9DBU0431 Datasheet
194Kb / 16P
   slew rate for each output
9DBV0231 ICST-9DBV0231 Datasheet
306Kb / 17P
   slew rate for each output
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
9DBU0941 ICST-9DBU0941 Datasheet
303Kb / 17P
   slew rate for each output
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
   slew rate for each output
9DBU0841 ICST-9DBU0841 Datasheet
309Kb / 17P
   slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com