Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3761EEP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3761EEP
Description  Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3761EEP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3761EEP Datasheet HTML 4Page - Maxim Integrated Products MAX3761EEP Datasheet HTML 5Page - Maxim Integrated Products MAX3761EEP Datasheet HTML 6Page - Maxim Integrated Products MAX3761EEP Datasheet HTML 7Page - Maxim Integrated Products MAX3761EEP Datasheet HTML 8Page - Maxim Integrated Products MAX3761EEP Datasheet HTML 9Page - Maxim Integrated Products MAX3761EEP Datasheet HTML 10Page - Maxim Integrated Products MAX3761EEP Datasheet HTML 11Page - Maxim Integrated Products MAX3761EEP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
__________Applications Information
Converting Average Optical Power to
Signal Amplitude
Many of the MAX3761/MAX3762’s specifications relate
to input-signal amplitude. When working with fiber optic
receivers, the input is usually expressed in terms of
average optical power and extinction ratio. The rela-
tions given in Table 1 are helpful for converting optical
power to input signal when designing with the
MAX3761/MAX3762.
In an optical receiver, the input voltage to the limiting
amplifier can be found by multiplying the relationship in
Table 1 with the photodiode responsivity (p) and tran-
simpedance amplifier gain (G).
Optical Hysteresis
Power and hysteresis are often expressed in decibels.
By definition, decibels are always 10log (power). At the
inputs to the MAX3761/MAX3762 limiting amplifier, the
power is VIN2/R. If a receiver’s optical input power (x)
increases by a factor of two, and the preamplifier is lin-
ear, then the voltage input to the MAX3761/MAX3762
also increases by a factor of two.
The optical power change is 10log(2x / x) = 10log(2) =
+3dB
At the MAX3761/MAX3762, the voltage change is:
In an optical receiver the dB change at the MAX3761/
MAX3762 will always equal 2x the optical dB change.
The MAX3761/MAX3762’s typical voltage hysteresis is
3.6dB. This provides an optical hysteresis of 1.8dB.
Input Sensitivity
The receiver’s gain sensitivity defines the smallest signal
input that results in fully limited PECL-compatible data
outputs. Smaller signals result in nonlimited outputs. The
MAX3761/MAX3762’s input sensitivity (SGAIN) is 4mVp-p:
SGAIN = 4mV
Optical gain sensitivity (in dBm) is:
In a receiver with G = 6k
Ω, re = 10, and ρ = 0.8A/W,
gain sensitivity is 510nW, or -32.9dBm.
622Mbps ATM Component Selection
As an example, a preamplifier with a 150kHz low-
frequency cutoff and a 950mVp-p maximum output has
the best performance with the following selections:
CIN = 5.6nF, so that fC = 15kHz (one decade below the
150kHz cutoff)
CAZ = 150pF, so that fOC < 1.5kHz (one decade
below fC)
CFILTER = 100pF, so that the integration frequency
equals 3MHz.
These selections should provide data-dependent jitter
less than 110ps p-p when the input consists of PRBS
data with no more than 72 consecutive bits.
10log
S
2G
x
x
GAIN
ρ
r
r
e
e
+
1
1
1000
10
10
2
20
2
6
2
2
2
log
log(
)
log( )
2V
/ R
V/ R
IN
IN
()
==
= + dB
Low-Power, 622Mbps Limiting Amplifiers
with Chatter-Free Power Detect for LANs
_______________________________________________________________________________________
9
Table 1. Optical-Power Relations*
TIME
P0
P1
PAVE
Figure 4. Optical-Power Relations
SYMBOL
RELATION
Average
Power
PAVE
PARAMETER
Extinction
Ratio
re
Optical Power
of a “1”
P1
Optical Power
of a “0”
P0
Signal
Amplitude
PIN
P
= P0 + P1
AVE
()/2
r =
1 / P0
e
P
PP
r
r
AVE
e
e
12
1
=
+
PP
r
AVE
e
02
1
=+
()
/
PP
P
P
r
r
IN
AVE
e
e
=−
=
()
+
10
2
1
1
OPTICAL
POWER
* Assuming a 50% average input data duty cycle (true for SONET/ATM data).


Similar Part No. - MAX3761EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3761EEP++ MAXIM-MAX3761EEP+ Datasheet
335Kb / 12P
   Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
More results

Similar Description - MAX3761EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3761 MAXIM-MAX3761_V01 Datasheet
335Kb / 12P
   Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
logo
Micrel Semiconductor
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
logo
Micrel Semiconductor
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com