Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3754 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3754
Description  Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3754 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3754 Datasheet HTML 1Page - Maxim Integrated Products MAX3754 Datasheet HTML 2Page - Maxim Integrated Products MAX3754 Datasheet HTML 3Page - Maxim Integrated Products MAX3754 Datasheet HTML 4Page - Maxim Integrated Products MAX3754 Datasheet HTML 5Page - Maxim Integrated Products MAX3754 Datasheet HTML 6Page - Maxim Integrated Products MAX3754 Datasheet HTML 7Page - Maxim Integrated Products MAX3754 Datasheet HTML 8Page - Maxim Integrated Products MAX3754 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Dual-Rate, 1Gbps/2Gbps Fibre Channel
Quad-Port Bypass ICs with Repeater
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, CLKEN = GND, 8B/10B data coding, CF = 0.047µF, TA = 0°C to +70°C, unless otherwise noted.
Typical values are at VCC = +3.3V, TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Channel Select Delay to Data
Valid
SEL(n)
± to LOUT(n+1)± , SEL4 to OUT±
9ns
Data Transition Time
20% to 80%
65
110
160
ps
10Hz
≤ f < 100Hz
100
100Hz
≤ f < 1MHz
40
Supply Noise Tolerance (Note 2)
1MHz
≤ f < 2.5GHz
10
mVP-P
CDR Lock Time
530
µs
OPERATION AT 2.125Gbps (Note 3)
Pattern = K28.7, CDREN = GND (Note 4)
1.6
Pattern = K28.7, CDREN = VCC
4.1
Random Jitter at OUT
±,
L-Port Outputs
±
Pattern = CRPAT, CDREN = VCC (Notes 5, 6)
3
psRMS
Pattern = K28.5+, CDREN = GND (Note 7)
29
60
Pattern = K28.5+, CDREN = VCC
19
50
Deterministic Jitter at OUT
±,
L-Port Outputs
±
Pattern = RPAT, CDREN = VCC (Notes 6, 8, 9)
28
50
psP-P
Total Jitter at OUT
±, LOUT_±
Pattern = RPAT, CDREN = VCC (Notes 6, 8, 9)
105
psP-P
f = 85kHz sine wave
1.5
f = 1.27MHz sine wave
0.1
Sinusoidal Component of Jitter
Tolerance (BER = 10-12)
Pattern = CJTPAT
(Notes 6, 10)
f = 10MHz sine wave
0.1
UI
Deterministic Jitter Tolerance
CJTPAT (Note 10)
0.4
UI
Total High-Frequency Jitter
Tolerance
Pattern = CJTPAT (Notes 6, 10, 11)
0.7
UI
Jitter Transfer Bandwidth
6
10
MHz
Jitter Transfer Peaking
(Note 12)
0.05
dB
OPERATION AT 1.0625Gbps (Note 3)
Pattern = K28.7, CDREN = GND (Note 4)
1.7
Pattern = K28.7, CDREN = VCC
5.4
Random Jitter at OUT
±,
L-Port Outputs
±
Pattern = CRPAT, CDREN = VCC (Notes 5, 6)
3.8
psRMS
Pattern = K28.5+, CDREN = GND (Note 7)
27
60
Pattern = K28.5+, CDREN = VCC
19
50
Deterministic Jitter at OUT
±,
L-Port Outputs
±
Pattern = RPAT, CDREN = VCC (Notes 6, 8, 9)
37
75
psP-P
Total Jitter at OUT
±, LOUT_±
Pattern = RPAT, CDREN = VCC (Notes 6, 8, 9)
135
psP-P
f = 42.5kHz sine wave
1.5
f = 635kHz sine wave
0.1
Sinusoidal Component of Jitter
Tolerance (BER = 10-12)
Pattern = CJTPAT
(Notes 6, 10)
f = 5MHz sine wave
0.1
UI


Similar Part No. - MAX3754

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3750CEE MAXIM-MAX3750CEE Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3751 MAXIM-MAX3751 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3751CEE MAXIM-MAX3751CEE Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
   2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
More results

Similar Description - MAX3754

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
   2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
   Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
logo
Sony Corporation
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
   Fibre Channel Repeater
logo
Maxim Integrated Produc...
MAX3772 MAXIM-MAX3772 Datasheet
220Kb / 9P
   Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
logo
Sony Corporation
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
   Fibre Channel Repeater
logo
Maxim Integrated Produc...
MAX3274 MAXIM-MAX3274 Datasheet
477Kb / 10P
   Dual-Rate Fibre Channel Limiting Amplifier
Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com