Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3491 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3491
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3491 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3491 Datasheet HTML 4Page - Maxim Integrated Products MAX3491 Datasheet HTML 5Page - Maxim Integrated Products MAX3491 Datasheet HTML 6Page - Maxim Integrated Products MAX3491 Datasheet HTML 7Page - Maxim Integrated Products MAX3491 Datasheet HTML 8Page - Maxim Integrated Products MAX3491 Datasheet HTML 9Page - Maxim Integrated Products MAX3491 Datasheet HTML 10Page - Maxim Integrated Products MAX3491 Datasheet HTML 11Page - Maxim Integrated Products MAX3491 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
8
_______________________________________________________________________________________
VCC
D
VOD
VOC
2
RL
2
RL
R
0V
VOH
IOH
(-)
IOL
(+)
VOL
VID
VCC
D
VOD
RL
VCM =
-7V to +12V
375
375
VCC
50
RL =
60
CL = 15pF (NOTE 5)
GENERATOR
(NOTE 4)
D
OUT
CL
CL
tDO
tTD
50%
1.5V
10%
OUT
IN
90%
50%
1.5V
10%
90%
3V
0V
2.0V
-2.0V
tDO
tTD
Figure 4. Driver VOD and VOC
Figure 7. Driver Differential Output Delay and Transition Times
Figure 6. Receiver VOH and VOL
Figure 5. Driver VOD with Varying Common-Mode Voltage


Similar Part No. - MAX3491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3491AE MAXIM-MAX3491AE Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3491AEASD++ MAXIM-MAX3491AEASD+ Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3491AEASD++ MAXIM-MAX3491AEASD+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3491E MAXIM-MAX3491E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Texas Instruments
MAX3491E TI1-MAX3491E Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
More results

Similar Description - MAX3491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com