Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3740 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3740
Description  3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3740 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3740 Datasheet HTML 5Page - Maxim Integrated Products MAX3740 Datasheet HTML 6Page - Maxim Integrated Products MAX3740 Datasheet HTML 7Page - Maxim Integrated Products MAX3740 Datasheet HTML 8Page - Maxim Integrated Products MAX3740 Datasheet HTML 9Page - Maxim Integrated Products MAX3740 Datasheet HTML 10Page - Maxim Integrated Products MAX3740 Datasheet HTML 11Page - Maxim Integrated Products MAX3740 Datasheet HTML 12Page - Maxim Integrated Products MAX3740 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Detailed Description
The MAX3740 contains a bias generator with automatic
power control (APC), safety circuit, and a laser modula-
tor with optional peaking compensation.
Bias Generator
Figure 1 shows the bias generator circuitry that contains
a power-control amplifier and smooth-start circuitry. An
internal PNP transistor provides DC laser current to bias
the laser in a light-emitting state. The APC circuitry
adjusts the laser-bias current to maintain average power
over temperature and changing laser properties. The
smooth-start circuitry prevents current spikes to the laser
during power-up or enable, ensuring compliance with
safety requirements and extending the life of the laser.
The MD input is connected to the cathode of a monitor
diode, which is used to sense laser power. The BIAS
output is connected to the anode of the laser through an
inductor or ferrite bead. The power-control amplifier dri-
ves a current amplifier to control the laser’s bias current.
During a fault condition, the bias current is disabled.
The PWRMON output provides a voltage proportional to
average laser power given by:
VPWRMON = 2 IPD RPWRSET
The BIASMON output provides a current proportional to
the laser bias current given by:
IBIASMON = IBIAS / 9
When APC is not used (no monitor diode, open-loop
configuration) connect the COMP and PWRMON pins
to GND. In this mode, the bias current is set by the
resistor RBIASSET. When a closed-loop configuration is
used, connect a 1.7k
Ω resistor between ground and
BIASSET to set the maximum bias current.
Safety Circuit
The safety circuit contains an input disable
(TX_DISABLE), a latched fault output (FAULT), and fault
detectors (Figure 2). This circuit monitors the operation
of the laser driver and forces a shutdown (disables
laser) if a fault is detected (Table 1). Table 2 contains
the circuit’s response to various single-point failures.
The transmit fault condition is latched until reset by a
toggle of TX_DISABLE or VCC. The FAULT pin should
be pulled high with a 4.7k
Ω to 10kΩ resistor.
3.2Gbps SFP VCSEL Driver with Diagnostic
Monitors
_______________________________________________________________________________________
9
CCOMP
COMP
BIASSET
RPWRSET
MD
1.8V
REF
CURRENT
AMPLIFIER
POWER-
CONTROL
AMPLIFIER
ENABLE
200
RBIASSET
PWRMON
BIAS GENERATOR
SMOOTH-
START
RBIASMON
BIASMON
FERRITE
BEAD
BIAS
1.6V
(2VBE)
2X
IBIAS
40
IPD
IBIAS
9
MAX3740
0.8V
Figure 1. Bias Generator
PIN
FAULT CONDITION
BIAS
VBIAS > VCC - 0.2V
BIASMON
VBIASMON > 0.8V
PWRMON
VPWRMON > 0.8V
Table 1. Fault Conditions


Similar Part No. - MAX3740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3740A MAXIM-MAX3740A Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740AETG MAXIM-MAX3740AETG Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3740AETG MAXIM-MAX3740AETG Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740AETG++ MAXIM-MAX3740AETG+ Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
More results

Similar Description - MAX3740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3736 MAXIM-MAX3736 Datasheet
341Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
Rev 0; 12/03
MAX3736 MAXIM-MAX3736_V01 Datasheet
315Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
MAX3724-MAX3725 MAXIM-MAX3724-MAX3725 Datasheet
342Kb / 10P
   3.2Gbps SFP Transimpedance Amplifiers with RSSI
Rev 0; 2/04
logo
Optoway Technology Inc
SPS-9380RW-DXXG OPTOWAY-SPS-9380RW-DXXG Datasheet
264Kb / 6P
   3.2Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com