Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3J Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # RS3J
Description  Surface Mount Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

RS3J Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  RS3J Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd RS3J Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
SMC/DO-214AB
RS3A THRU RS3M
Voltage Range 50 to 1000 V
Current 3.0 Ampere
Surface Mount Fast Recovery Rectifier
RS3A
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
RS3B
RS3D
RS3G
RS3J
50
100
200
140
200
600
35
70
420
50
100
600
RS3K
800
560
800
RS3M
1000
700
1000
3.0
5.0
100
1.3
150
500
250
150
50
55
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TA=90
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 3.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic SMC/DO-214AB
Glass passivated chip
High surge current capability
Weight: 0.21 gram
Polarity:Color band denotes cathode
method 2026
Mounting position: Any
Terminals: Solderable per MIL-STD-750
Mechanical Data
Low reverse leakage current
R JA
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to ambient.
Epoxy: UL 94V-0 rate flame retardant
1 / 2
R1, MAY-12
.260(6.60)
.280(7.11)
.006(.152)
.012(.305)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
.079(2.00)
.103(2.62)
.305(7.75)
.320(8.13)
.030(0.76)
.060(1.52)
.002(.051)
.008(.203)
PARAMTER


Similar Part No. - RS3J

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3J SSE-RS3J Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Gaomi Xinghe Electronic...
RS3J GXELECTRONICS-RS3J Datasheet
477Kb / 2P
   Surface Mount Fast Recovery Rectifier
logo
EIC discrete Semiconduc...
RS3J EIC-RS3J Datasheet
40Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
RFE international
RS3J RFE-RS3J Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
logo
SUNMATE electronic Co.,...
RS3J SUNMATE-RS3J Datasheet
165Kb / 2P
   3.0A Surface Mount Fast Recovery Rectifier
More results

Similar Description - RS3J

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com