Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1JF Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # RS1JF
Description  1.0A Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

RS1JF Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  RS1JF Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd RS1JF Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
1/2
R1,MAY-15
RS1AF THRU RS1MF
1.0A Fast Recovery Rectifier 
YENYO
1. 封裝 Package  
封裝方式 Method: SMAF 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
For surface mounted applications 
Low profile package 
Built‐in strain relief 
Easy pick and place 
Fast recovery times for high efficiency 
Glass Passivated junction 
Lead‐free & halogen‐free parts ,ROHS compliant  
3. 機械數據  Mechanical Data 
Epoxy: UL94V‐0 rated flame retardant 
Case: Molded plastic over passivated junction 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Polarity: Color band denotes cathode end 
 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or 
inductive load. For capacitive load, derate current by 20%. 
Notes: 
(1) Mounted on an FR4 PCB, single‐sided copper, with 48cm
2 copper pad area. 
(2) Mounted on an FR4 PCB, single‐sided copper, mini pad. 
 
 
 
 
PARAMETER 
Symbol
RS1AF
RS1BF
RS1DF
RS1GF 
RS1JF 
RS1KF
RS1MF
UNITS
Recurrent Peak Reverse Voltage 
VRRM 
50 
100 
200 
400 
600 
800 
1000 
Volts
RMS Voltage 
VRMS 
35 
70 
140 
280 
420 
560 
700 
Volts
DC Blocking Voltage 
VR 
50 
100 
200 
400 
600 
800 
1000 
Volts
Average Forward Current 
IF(AV) 
1.0 
Amps
Peak Forward Surge Current: 8.3ms single half sine‐wave 
superimposed on rated load (JEDEC Method) 
IFSM 
30.0 
Amps
Forward Voltage at 1.0A 
VF 
1.3 
Volts
DC Reverse Current at Rated 
DC Blocking Voltage 
IR 
uA 
Typical Thermal Resistance ,Junction to Lead ( NOTE 1 ) 
                            Junction to Ambient ( NOTE 2 ) 
   RθJL 
RθJA 
31 
150 
℃/W
Reverse Recovery Time (IF=0.5A,IR=1.0A,Irr=0.25A) 
Trr 
150 
250 
500 
ns 
Operating Junction Temperature and Storage Temperature Range 
TJ,TSTG ‐55 to +150 
℃ 
單位 Unit: millimeters
TJ=25
O


Similar Part No. - RS1JF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1JF PANJIT-RS1JF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
RS1JF YIXIN-RS1JF Datasheet
132Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
RS1JF CHENDA-RS1JF Datasheet
632Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
RS1JF TSC-RS1JF Datasheet
221Kb / 4P
   1A, 600V - 1000V Surface Mount Fast Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
RS1JF YFWDIODE-RS1JF Datasheet
129Kb / 3P
   Surface MountFast Recovery Rectifiers
More results

Similar Description - RS1JF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001 DIODES-PR1001 Datasheet
62Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
PR1001 DIODES-PR1001_2 Datasheet
78Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 4 - 2
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
logo
Torex Semiconductor
XBF10A20S-G TOREX-XBF10A20S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
XBF10A60S-G TOREX-XBF10A60S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
List of Unclassifed Man...
TF101 ETC2-TF101 Datasheet
130Kb / 4P
   1.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
RL101F TAITRON-RL101F Datasheet
188Kb / 5P
   1.0A Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com