Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB501V Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # RB501V
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

RB501V Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  RB501V Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd RB501V Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· Low Forward Voltage Drop
· Suffix "H" indicates Halogen-free parts, ex. RB501V-40H
Maximum Ratings@T A =25
Unit
mW
V
V
mA
A
Electrical Characteristics@T A =25
Min.
Max.
Unit
42
--
V
--
30
μA
0.34
0.55
· Surface Device Type Mounting
SOD-323
Dimensions in inch and (millimeters)
Repetitive Peak Reverse Voltage
Parameter
Symbol
TSTG
PD
Power Dissipation
Peak Forward Surge Current (8.3mS Single Half-wave)
Average Forward Current
Value
40
Conditions
IR=500μA
+125
200
-55 to +125
RB501V-40
SCHOTTKY DIODES
· Flat Lead SOD-323 Small Outline Plastic Package
100
IF(AV)
VRRM
Maximum DC Blocking Voltage
VR
40
IFSM
1
IF=10mA
V
VF
Symbol
BV
IF=100mA
IR
VR=10V
Forward Voltage
--
TJ
Parameter
Reverse Leakage Current
Breakdown Voltage
Operating Junction Temperature
Storage Temperature Range
YENYO
Revision 1.1


Similar Part No. - RB501V

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
RB501V CITC-RB501V Datasheet
146Kb / 3P
   100mA Surface Mount Small Signal Diodes
logo
Tak Cheong Electronics ...
RB501V-40 TAK_CHEONG-RB501V-40 Datasheet
1,020Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Rohm
RB501V-40 ROHM-RB501V-40 Datasheet
57Kb / 2P
   Schottky barrier diode
logo
Shenzhen Luguang Electr...
RB501V-40 LUGUANG-RB501V-40 Datasheet
203Kb / 2P
   Schottky Diodes
logo
TRANSYS Electronics Lim...
RB501V-40 TEL-RB501V-40 Datasheet
76Kb / 1P
   Schottky Diodes
More results

Similar Description - RB501V

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com