Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL5030GP Datasheet(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

Part # PL5030GP
Description  Polyimide Passivated Auto Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

PL5030GP Datasheet(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  PL5030GP Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd PL5030GP Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES PL5018GP(N) THRU PL5030GP(N)
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
100
1000
1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=175
oC
TJ=25
oC
0
100
200
300
400
500
600
1
10
100
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
50
30
20
10
40
0
0
50
75
125
150
25
100
175
60 Hz Resistive or
Inductive load
YENYO TECHNOLOGY CO., LTD.
2 / 2
R1,JUN-12


Similar Part No. - PL5030GP

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
PL5030GP YENYO-PL5030GP Datasheet
631Kb / 2P
   Polyimide Passivated Auto Rectifier
More results

Similar Description - PL5030GP

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
H13502GP YENYO-H13502GP Datasheet
636Kb / 2P
   Polyimide Passivated Auto Rectifier
PL3502GP YENYO-PL3502GP Datasheet
640Kb / 2P
   Polyimide Passivated Auto Rectifier
PL3518JP YENYO-PL3518JP Datasheet
643Kb / 2P
   Polyimide Passivated Auto Rectifier
PL5002GP YENYO-PL5002GP Datasheet
637Kb / 2P
   Polyimide Passivated Auto Rectifier
H13518JP YENYO-H13518JP Datasheet
637Kb / 2P
   Polyimide Passivated Auto Rectifier
H15002JP YENYO-H15002JP Datasheet
637Kb / 2P
   Polyimide Passivated Auto Rectifier
H15018JP YENYO-H15018JP Datasheet
636Kb / 2P
   Polyimide Passivated Auto Rectifier
PL5002JP YENYO-PL5002JP Datasheet
646Kb / 2P
   Polyimide Passivated Auto Rectifier
H15018GP YENYO-H15018GP Datasheet
631Kb / 2P
   Polyimide Passivated Auto Rectifier
PL5018JP YENYO-PL5018JP Datasheet
646Kb / 2P
   Polyimide Passivated Auto Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com