Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3691 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3691
Description  3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3691 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3691 Datasheet HTML 1Page - Maxim Integrated Products MAX3691 Datasheet HTML 2Page - Maxim Integrated Products MAX3691 Datasheet HTML 3Page - Maxim Integrated Products MAX3691 Datasheet HTML 4Page - Maxim Integrated Products MAX3691 Datasheet HTML 5Page - Maxim Integrated Products MAX3691 Datasheet HTML 6Page - Maxim Integrated Products MAX3691 Datasheet HTML 7Page - Maxim Integrated Products MAX3691 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX3691 serializer is ideal for converting 4-bit-
wide, 155Mbps parallel data to 622Mbps serial data in
ATM and SDH/SONET applications. Operating from a
single +3.3V supply, this device accepts low-voltage
differential-signal (LVDS) clock and data inputs for
interfacing with high-speed digital circuitry, and deliv-
ers a 3.3V PECL serial-data output. A fully integrated
PLL synthesizes an internal 622Mbps serial clock from
a 155.52MHz reference clock.
The MAX3691 is available in the extended-industrial
temperature range (-40°C to +85°C), in a 32-pin TQFP
package.
________________________Applications
622Mbps SDH/SONET Transmission Systems
622Mbps ATM/SONET Access Nodes
Add/Drop Multiplexers
Digital Cross Connects
____________________________Features
o Single +3.3V Supply
o 155Mbps Parallel to 622Mbps Serial Conversion
o 215mW Power
o LVDS Parallel Clock and Data Inputs
o Differential 3.3V PECL Serial-Data Output
+3.3V, 622Mbps, SDH/SONET 4:1 Serializer
with Clock Synthesis and LVDS Inputs
________________________________________________________________
Maxim Integrated Products
1
MAX3691
MAX3667
SD-
PCLKO- PCLKO+
LVDS CRYSTAL REFERENCE
PCLKI- PCLKI+ RCLK-
0.1µF
0.1µF
VCC
GND
SD+
FIL-
FIL+
130
130
82
1.5k
100pF
24.9k
82
VCC = +3.3V
VCC = +3.3V
VCC = +3.3V
OVERHEAD
GENERATION
PD3-
PD3+
PD2-
PD2+
PD1-
PD1+
PD0-
PD0+
THIS SYMBOL REPRESENTS A TRANSMISSION LINE
OF CHARACTERISTIC IMPEDANCE (Z0 = 50Ω)
RCLK+
___________________________________________________Typical Operating Circuit
19-1207; Rev 0; 3/97
PART
MAX3691ECJ
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
32 TQFP
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
Pin Configuration appears at end of data sheet.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX3691

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690 MAXIM-MAX3690 Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3690ECJ MAXIM-MAX3690ECJ Datasheet
117Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690ECJ MAXIM-MAX3690ECJ Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690ECJ MAXIM-MAX3690ECJ Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
More results

Similar Description - MAX3691

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3693 MAXIM-MAX3693 Datasheet
108Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 1; 4/99
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
   3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com