Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3486 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3486
Description  3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3486 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3486 Datasheet HTML 1Page - Maxim Integrated Products MAX3486 Datasheet HTML 2Page - Maxim Integrated Products MAX3486 Datasheet HTML 3Page - Maxim Integrated Products MAX3486 Datasheet HTML 4Page - Maxim Integrated Products MAX3486 Datasheet HTML 5Page - Maxim Integrated Products MAX3486 Datasheet HTML 6Page - Maxim Integrated Products MAX3486 Datasheet HTML 7Page - Maxim Integrated Products MAX3486 Datasheet HTML 8Page - Maxim Integrated Products MAX3486 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3.3V-Powered, ±15kV ESD-Protected, 12Mbps and
Slew-Rate-Limited True RS-485/RS-422 Transceivers
_______________________________________________________________________________________
3
mA
-250
IOSD
250
Driver Short-Circuit Output Current
mA
±8
±60
IOSR
Receiver Short-Circuit Output Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VOUT = -7V
VOUT = 12V
0
≤ VRO ≤ VCC
CONDITIONS
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.3V ±0.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ns
723
35
tPLH
Driver Propagation Delay, Low-to-High Level
ns
311
25
tTD
Mbps
12
15
Maximum Data Rate
Driver Differential Output Transition Time
ns
650
900
tPSH
Driver-Output Enable Time from Shutdown to High Level
ns
650
900
tPSL
Driver-Output Enable Time from Shutdown to Low Level
ns
35
80
tPHZ
Driver-Output Disable Time from High Level
ns
723
35
tPHL
Driver Propagation Delay, High-to-Low Level
ns
-1.4
±8
tPDS
|tPLH - tPHL| Driver Propagation-Delay Skew (Note 2)
ns
42
90
tPZL
Driver-Output Enable Time to Low Level
ns
42
90
tPZH
Driver-Output Enable Time to High Level
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 27Ω, Figure 8
RL = 60Ω, Figure 7
RL = 110Ω, Figure 9
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
RL = 27Ω, Figure 8
RL = 27Ω, Figure 8
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
CONDITIONS
DRIVER SWITCHING CHARACTERISTICS—MAX3485E/MAX3490E/MAX3491E
(VCC = +3.3V, TA = +25°C.)
ns
35
80
tPLZ
Driver-Output Disable Time from Low Level
RL = 110Ω, Figure 10
DRIVER SWITCHING CHARACTERISTICS—MAX3486E
(VCC = +3.3V, TA = +25°C.)
ns
40
80
tPLZ
Driver-Output Disable Time from Low Level
RL = 110Ω, Figure 10
ns
20
42
75
tPLH
Driver Propagation Delay, Low-to-High Level
ns
15
28
60
tTD
Mbps
2.5
Maximum Data Rate
Driver Differential Output Transition Time
ns
700
1000
tPSH
Driver-Output Enable Time from Shutdown to High Level
ns
700
1000
tPSL
Driver-Output Enable Time from Shutdown to Low Level
ns
40
80
tPHZ
Driver-Output Disable Time from High Level
ns
20
42
75
tPHL
Driver Propagation Delay, High-to-Low Level
ns
-6
±12
tPDS
|tPLH - tPHL| Driver Propagation-Delay Skew (Note 2)
ns
52
100
tPZH
Driver-Output Enable Time to High Level
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 27Ω, Figure 8
RL = 60Ω, Figure 7
RL = 110Ω, Figure 9
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
RL = 27Ω, Figure 8
RL = 27Ω, Figure 8
RL = 110Ω, Figure 9
CONDITIONS
±15
IEC 1000-4-2 Air Discharge
±6
IEC 1000-4-2 Contact Discharge
(MAX3490E, MAX3488E)*
±8
IEC 1000-4-2 Contact Discharge
(MAX3483E, MAX3485E,
MAX3486E, MAX3491E)
ns
122
35
tDD
Driver Differential Output Delay
RL = 60Ω, Figure 7
DRIVER-OUTPUT ENABLE/DISABLE TIMES (MAX3485E/MAX3491E only)
ns
20
42
70
tDD
Driver Differential Output Delay
RL = 60Ω, Figure 7
ESD Protection for Y, Z, A, B
±15
Human Body Model
kV
*
MAX3488E and MAX3491E will be compliant to ±8kV per IEC 1000-4-2 Contact Discharge by September 1999.
ns
52
100
tPZL
Driver-Output Enable Time to Low Level
RL = 110Ω, Figure 10
DRIVER-OUTPUT ENABLE/DISABLE TIMES


Similar Part No. - MAX3486

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3486 MAXIM-MAX3486 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3486C/D MAXIM-MAX3486C/D Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3486CPA MAXIM-MAX3486CPA Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3486CSA MAXIM-MAX3486CSA Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3486E MAXIM-MAX3486E Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
More results

Similar Description - MAX3486

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com