Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EF201G Datasheet(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

Part # EF201G
Description  Glass Passivated Efficient Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

EF201G Datasheet(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  EF201G Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd EF201G Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES EF201G THRU EF206G
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
2.0
1.2
0.8
0.4
1.6
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
LEAD TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
20
30
40
60
50
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
YENYO TECHNOLOGY CO., LTD.
2 / 2
R3,MAY-12
EF201G-EF203G
EF205G
EF206G


Similar Part No. - EF201G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
EF2010FCT FRONTIER-EF2010FCT Datasheet
1Mb / 2P
   20.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
logo
Sumida Corporation
EF2017 SUMIDA-EF2017 Datasheet
138Kb / 2P
   General Power & PoE Transformer
EF2017B SUMIDA-EF2017B Datasheet
104Kb / 1P
   General Power Transformer
More results

Similar Description - EF201G

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
EF8A02 YENYO-EF8A02 Datasheet
844Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF10C01C YENYO-EF10C01C Datasheet
885Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF10C01CF YENYO-EF10C01CF Datasheet
949Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF20C02CF YENYO-EF20C02CF Datasheet
821Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF101G YENYO-EF101G Datasheet
753Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF301G YENYO-EF301G Datasheet
749Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
MUR805 YENYO-MUR805 Datasheet
837Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
31GF4 YENYO-31GF4 Datasheet
740Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
logo
Comchip Technology
EF10C01C-G COMCHIP-EF10C01C-G Datasheet
73Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EF20C02C YENYO-EF20C02C Datasheet
873Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com