Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT4351_CNV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC_HCT4351_CNV
Description  8-channel analog multiplexer/demultiplexer with latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4351_CNV Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC_HCT4351_CNV_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
December 1990
2
Philips Semiconductors
Product specification
8-channel analog
multiplexer/demultiplexer with latch
74HC/HCT4351
FEATURES
• Wide analog input voltage range:
± 5 V
• Low “ON” resistance:
80
Ω (typ.) at VCC − VEE = 4.5 V
70
Ω (typ.) at VCC − VEE = 6.0 V
60
Ω (typ.) at VCC − VEE = 9.0 V
• Logic level translation: to enable 5 V logic to
communicate with
± 5 V analog signals
• Typical “break before make” built in
• Address latches provided
• Output capability: non-standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT4351 are high-speed Si-gate CMOS
devices. They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT4351 are 8-channel analog
multiplexers/demultiplexers with three select inputs (S0 to
S2), two enable inputs (E1 and E2), a latch enable input
(LE), eight independent inputs/outputs (Y0 to Y7) and a
common input/output (Z).
With E1 LOW and E2 is HIGH, one of the eight switches is
selected (low impedance ON-state) by S0 to S2. The data
at the select inputs may be latched by using the active
LOW latch enable input (LE). When LE is HIGH the latch
is transparent. When either of the two enable inputs,
E1 (active LOW) and E2 (active HIGH), is inactive, all 8
analog switches are turned off.
VCC and GND are the supply voltage pins for the digital
control inputs (S0 to S2, LE, E1 and E2). The VCC to GND
ranges are 2.0 to 10.0 V for HC and 4.5 to 5.5 V for HCT.
The analog inputs/outputs (Y0 to Y7, and Z) can swing
between VCC as a positive limit and VEE as a negative
limit.
VCC − VEE may not exceed 10.0 V.
For operation as a digital multiplexer/demultiplexer, VEE is
connected to GND (typically ground).
QUICK REFERENCE DATA
VEE = GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPZH / tPZL
turn “ON” time E1, E2 or Sn to Vos
CL = 15 pF; RL =1 kΩ; VCC = 5 V
2735ns
tPHZ / tPLZ
turn “OFF” time E1, E2 or Sn to Vos
21
23
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per switch
notes 1 and 2
25
25
pF
CS
max. switch capacitance
independent (Y)
5
5
pF
common (Z)
25
25
pF
Notes
1. CPD is used to determine the dynamic power
dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ {(CL+ CS) × VCC2 × fo}
where:
fi = input frequency in MHz
fo = output frequency in MHz
CL = output load capacitance in pF
CS = max. switch capacitance in pF
∑ {(CL+ CS) × VCC2 × fo} = sum of outputs
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package
Information”.


Similar Part No. - 74HC_HCT4351_CNV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT4316_CNV PHILIPS-74HC_HCT4316_CNV_15 Datasheet
129Kb / 15P
   Quad bilateral switches
September 1993
More results

Similar Description - 74HC_HCT4351_CNV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
216Kb / 12P
   ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
logo
NXP Semiconductors
74HC4353 PHILIPS-74HC4353 Datasheet
136Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com