Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX367EPN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX367EPN
Description  Signal-Line Circuit Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX367EPN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX367EPN Datasheet HTML 4Page - Maxim Integrated Products MAX367EPN Datasheet HTML 5Page - Maxim Integrated Products MAX367EPN Datasheet HTML 6Page - Maxim Integrated Products MAX367EPN Datasheet HTML 7Page - Maxim Integrated Products MAX367EPN Datasheet HTML 8Page - Maxim Integrated Products MAX367EPN Datasheet HTML 9Page - Maxim Integrated Products MAX367EPN Datasheet HTML 10Page - Maxim Integrated Products MAX367EPN Datasheet HTML 11Page - Maxim Integrated Products MAX367EPN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Signal-Line Circuit Protectors
_______________________________________________________________________________________
9
Figure 6 shows a circuit that can give reliable results.
This circuit uses a 100mV voltage source and a low-
voltage-drop ammeter as the measuring circuit, and an
adjustable supply to sweep the analog voltage across
its whole range. The ammeter must have a voltage
drop of less than one millivolt (at any current) for accu-
rate results. (A Keithley Model 617 Electrometer has a
suitable ammeter circuit, appropriate ranges, and a
built-in voltage source designed for this type of mea-
surement.) Measurements are made by setting the
analog voltage, measuring the current, and calculating
the path resistance. The procedure is repeated at
each analog voltage and supply voltage.
It is important to use a voltage source of 100mV or less.
As shown in Figure 4, this voltage is added to the VIN
voltage to form the VOUT voltage. Using a higher volt-
age could cause the OUT pin to go into a fault condi-
tion prematurely.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to several megahertz (see
Typical Operating
Characteristics). Above 5MHz, the response has sev-
eral minor peaks, which are highly layout dependent.
Because the path resistance is dependent on the sup-
ply voltage and signal amplitude, the impedance is not
controlled. Adjacent channel attenuation up to 5MHz is
about 3dB above that of a bare IC socket, and is due
entirely to capacitive coupling.
Pulse response is reasonable, but because the imped-
ance changes rapidly, fast rise times may induce ringing
as the signal approaches the fault voltage. At very high
amplitudes (such as noise spikes), the capacitive cou-
pling across the signal pins will transfer considerable
energy, despite the fact that the DC path is a virtual open
circuit.
MAX366
OUT_
VIN
4
IN_
VOUT
V+
V-
V+
V-
PATH RESISTANCE = 100mV/A
100mV
ADJUSTABLE ANALOG VOLTAGE
8
A
Figure 6. Path-Resistance Measuring Circuit
MAX366
OUT1
1
IN1
7
+5V
-5V
OUT2
2
IN2
6
OUT3
3
IN3
5
V+
4
V-
8
P
100k
SWITCHED +5V
OP AMP
Figure 5. Power-Supply Sequencing


Similar Part No. - MAX367EPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3670 MAXIM-MAX3670 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
MAX3670ETJ++ MAXIM-MAX3670ETJ+ Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
More results

Similar Description - MAX367EPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
logo
Littelfuse
3890060000 LITTELFUSE-3890060000 Datasheet
87Kb / 2P
   CIRCUIT PROTECTORS
385 LITTELFUSE-385 Datasheet
88Kb / 2P
   CIRCUIT PROTECTORS
398 LITTELFUSE-398 Datasheet
90Kb / 2P
   CIRCUIT PROTECTORS
399IP13000 LITTELFUSE-399IP13000 Datasheet
90Kb / 2P
   CIRCUIT PROTECTORS
logo
Carling Technologies
CLB-153-11A3N-B-A CARLINGTECH-CLB-153-11A3N-B-A Datasheet
889Kb / 4P
   CIRCUIT PROTECTORS
CMB-103-27G3N-B-A CARLINGTECH-CMB-103-27G3N-B-A Datasheet
936Kb / 4P
   THERMAL CIRCUIT PROTECTORS
CTB-B-B-03 CARLINGTECH-CTB-B-B-03 Datasheet
607Kb / 4P
   THERMAL CIRCUIT PROTECTORS
logo
List of Unclassifed Man...
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
   Magnetic Circuit Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com