Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV138 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LV138
Description  3-to-8 line decoder/demultiplexer; inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV138 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV138_15 Datasheet HTML 1Page - NXP Semiconductors 74LV138_15 Datasheet HTML 2Page - NXP Semiconductors 74LV138_15 Datasheet HTML 3Page - NXP Semiconductors 74LV138_15 Datasheet HTML 4Page - NXP Semiconductors 74LV138_15 Datasheet HTML 5Page - NXP Semiconductors 74LV138_15 Datasheet HTML 6Page - NXP Semiconductors 74LV138_15 Datasheet HTML 7Page - NXP Semiconductors 74LV138_15 Datasheet HTML 8Page - NXP Semiconductors 74LV138_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LV138_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 November 2007
5 of 17
NXP Semiconductors
74LV138
3-to-8 line decoder/demultiplexer; inverting
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 12 mW/K above 70 °C.
[3]
Ptot derates linearly with 8 mW/K above 70 °C.
[4]
Ptot derates linearly with 5.5 mW/K above 60 °C.
[5]
Ptot derates linearly with 4.5 mW/K above 60 °C.
8.
Recommended operating conditions
[1]
The static characteristics are guaranteed from VCC = 1.2 V to VCC = 5.5 V, but LV devices are guaranteed to function down to
VCC = 1.0 V (with input levels GND or VCC).
9.
Static characteristics
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
DIP16 package
[2] -
750
mW
SO16 package
[3] -
500
mW
(T)SSOP16 package
[4] -
500
mW
DHVQFN16 package
[5] -
500
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage[1]
1.0
3.3
5.5
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 1.0 V to 2.0 V
-
-
500
ns/V
VCC = 2.0 V to 2.7 V
-
-
200
ns/V
VCC = 2.7 V to 3.6 V
-
-
100
ns/V
VCC = 3.6 V to 5.5 V
-
-
50
ns/V
Table 6.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level input voltage
VCC = 1.2 V
0.9
-
-
0.9
-
V
VCC = 2.0 V
1.4
-
-
1.4
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0.3
-
0.3
V
VCC = 2.0 V
-
-
0.6
-
0.6
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-
0.3VCC V


Similar Part No. - 74LV138_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV138A TI-74LV138A Datasheet
649Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV138BQ NXP-74LV138BQ Datasheet
105Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
Nexperia B.V. All right...
74LV138BQ NEXPERIA-74LV138BQ Datasheet
256Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 6 - 22 July 2021
logo
NXP Semiconductors
74LV138D PHILIPS-74LV138D Datasheet
116Kb / 12P
   3-to-8 line decoder/multiplexer; inverting
1998 Apr 28
74LV138D NXP-74LV138D Datasheet
105Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
More results

Similar Description - 74LV138_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com