Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3490EESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3490EESA
Description  3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3490EESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3490EESA Datasheet HTML 5Page - Maxim Integrated Products MAX3490EESA Datasheet HTML 6Page - Maxim Integrated Products MAX3490EESA Datasheet HTML 7Page - Maxim Integrated Products MAX3490EESA Datasheet HTML 8Page - Maxim Integrated Products MAX3490EESA Datasheet HTML 9Page - Maxim Integrated Products MAX3490EESA Datasheet HTML 10Page - Maxim Integrated Products MAX3490EESA Datasheet HTML 11Page - Maxim Integrated Products MAX3490EESA Datasheet HTML 12Page - Maxim Integrated Products MAX3490EESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3.3V-Powered, ±15kV ESD-Protected, 12Mbps and
Slew-Rate-Limited True RS-485/RS-422 Transceivers
_______________________________________________________________________________________
9
VCC
VOM
3V
0V
VOH
VOM
VOM
VOM
VOM
VOL
VOH
VOL
50
RL = 27Ω
CL = 15pF
(NOTE 5)
GENERATOR
(NOTE 4)
D
tPLH
1.5V
Y
OUT
Z
OUT
OUT
S1
IN
1.5V
1.5V
tPHL
tPHL
tPLH
VOH + VOL
2
VOM =
3V
0
VOH
VOM
0
RL = 110Ω
CL = 50pF
(NOTE 5)
D
0 OR 3V
50
GENERATOR
(NOTE 4)
tPZH
1.5V
0.25V
OUT
OUT
S1
IN
1.5V
1.5V
tPHZ
VOH + VOL
2
VOM =
VCC
RL = 110Ω
CL = 50pF
(NOTE 5)
D
50
GENERATOR
(NOTE 4)
OUT
S1
3V
0
VCC
VOL
VOM
tPSL
1.5V
0.25V
OUT
IN
1.5V
tPLZ
0 OR 3V
Figure 8. Driver Propagation Times
Figure 9. Driver Enable and Disable Times (tPZH, tPSH, tPHZ)
Figure 10. Driver Enable and Disable Times (tPZL, tPSL, tPLZ)


Similar Part No. - MAX3490EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3490EESA MAXIM-MAX3490EESA Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results

Similar Description - MAX3490EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com