Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3468 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3468
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3468 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3468 Datasheet HTML 4Page - Maxim Integrated Products MAX3468 Datasheet HTML 5Page - Maxim Integrated Products MAX3468 Datasheet HTML 6Page - Maxim Integrated Products MAX3468 Datasheet HTML 7Page - Maxim Integrated Products MAX3468 Datasheet HTML 8Page - Maxim Integrated Products MAX3468 Datasheet HTML 9Page - Maxim Integrated Products MAX3468 Datasheet HTML 10Page - Maxim Integrated Products MAX3468 Datasheet HTML 11Page - Maxim Integrated Products MAX3468 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
8
_______________________________________________________________________________________
Pin Configurations and Typical Operating Circuit
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
VCC
VCC
RXP
A
B
DE
DE
RE
RE
RO
SHDN
MAX3465
MAX3466
Z
Y
TXP
RXP
TXP
RO
RO
DI
DI
GND
GND
DI
DIP/SO
R
R
6, 7
3
GND
12
10
9
Z
Y
11
A
B
0.1
µF
5
414
2
13
8
D
D
R
Rt
Rt
DE
GND
D
RE
Figure 1. MAX3465/MAX3466 Pin Configuration and Typical Full-Duplex Operating Circuit
TOP VIEW
8
7
6
5
1
2
3
4
VCC
VCC
A
B
RO
VCC
MAX3467
Z
Y
RO
RO
DI
DI
GND
DI
DIP/SO
R
R
4 GND
8
6
5
Z
Y
7
A
B
0.1
µF
3
1
2
D
D
R
Rt
Rt
GND
D
Figure 2. MAX3467 Pin Configuration and Typical Full-Duplex Operating Circuit
TOP VIEW
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH.
8
7
6
5
1
2
3
4
VCC
B
RE
RO
MAX3468
MAX3469
A
GND
RO
DI
DI
DE
DIP/SO
R
0.1
µF
D
Rt
Rt
8
7
6
5
1
2
3
4
VCC
B
RE
RO
A
B
A
GND
DI
DE
DE
R
D
R
D
RE
Figure 3. MAX3468/MAX3469 Pin Configuration and Typical Full-Duplex Operating Circuit


Similar Part No. - MAX3468

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3468 MAXIM-MAX3468 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3468 MAXIM-MAX3468 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3468CPA MAXIM-MAX3468CPA Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3468CPA MAXIM-MAX3468CPA Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3468CSA MAXIM-MAX3468CSA Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results

Similar Description - MAX3468

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com