Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3669EHJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3669EHJ
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3669EHJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3669EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX3669EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX3669EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX3669EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX3669EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX3669EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX3669EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX3669EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX3669EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+3.3V, 622Mbps SDH/SONET
Laser Driver with Current Monitors and APC
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.14V to +5.5V, load as shown in Figure 2, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V,
TA = +25°C.) (Note 6)
Note 1: Dice are tested and guaranteed at TA = +25°C only.
Note 2: Tested with RMODSET = 5.11k
Ω (IMOD ≈ 38mA), RBIASMAX = 4.56kΩ (IBIAS ≈ 52mA), excluding IBIAS and IMOD.
Note 3: Both the bias and modulation currents will be disabled if any of the current set pins are shorted to ground.
Note 4: Guaranteed by design and characterization. This assumes that the laser to monitor diode transfer function does not change
with temperature.
Note 5: See Typical Operating Characteristics for worst-case distributions.
Note 6: AC characteristics are guaranteed by design and characterization.
Note 7: Total IMOD out of OUT+. See the Design Procedure for information regarding current delivered to the laser.
Note 8: Input signal is a 622Mbps, 213- 1 PRBS with 80 inserted zeros.
Note 9: Input signal is a 622Mbps, 11110000 pattern.
Note 10:PWD = (wider pulse – narrower pulse) / 2.
DATA+
DATA-
(DATA+) - (DATA-)
IOUT+
100mV MIN
800mV MAX
200mVp-p
MIN
1600mVp-p
MAX
IMOD
Figure 1. Required Input Signal and Output Polarity
VCC
15
10
1
µF
1
µF
12.4
20
OUT-
OUT+
BIAS
20
50
OSCILLOSCOPE
MAX3669
VCC
IOUT+
Figure 2. Output Termination for Characterization
10
135
IMOD = 75mA
Maximum Consecutive Identical
Digits at 622Mbps
CID
80
Bits
IMOD = 5mA
IMOD = 75mA
Jitter Generation (peak-to-peak)
100
ps
(Note 8)
205
IMOD = 5mA (Note 5)
IMOD = 5mA
(Notes 9, 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
230
375
ps
Output Rise/Fall Time
tR, tF
100
200
Modulation Current Absolute
Accuracy
-15
15
%
Pulse-Width Distortion
(peak-to-peak)
70
155
ps
Enable/Start-Up Delay
250
ns
Modulation Current Stability
-620
-165
620
ppm/°C
CONDITIONS
20% to 80%,
RL = 10
|| 20Ω load
Open loop
IMOD = 75mA
Modulation Current Range
IMOD
575
mA
(Note 7)
Modulation Off-Current
200
µA
ENABLE = low (Note 3)


Similar Part No. - MAX3669EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3669EHJ MAXIM-MAX3669EHJ Datasheet
666Kb / 15P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 5; 2/05
MAX3669EHJ MAXIM-MAX3669EHJ Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
MAX3669EHJ++ MAXIM-MAX3669EHJ+ Datasheet
666Kb / 15P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 5; 2/05
MAX3669EHJ++ MAXIM-MAX3669EHJ+ Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
More results

Similar Description - MAX3669EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3669 MAXIM-MAX3669_V01 Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
MAX3669 MAXIM-MAX3669_05 Datasheet
666Kb / 15P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 5; 2/05
MAX3869 MAXIM-MAX3869 Datasheet
468Kb / 16P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
19-1570; Rev 0; 12/99
MAX3869 MAXIM-MAX3869_V01 Datasheet
679Kb / 15P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
2005
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
logo
Micrel Semiconductor
SY88912L MICREL-SY88912L Datasheet
47Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com