Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF240 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF240
Description  Repetitive Avalanche Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF240 Datasheet(HTML) 7 Page - International Rectifier

  IRF240 Datasheet HTML 1Page - International Rectifier IRF240 Datasheet HTML 2Page - International Rectifier IRF240 Datasheet HTML 3Page - International Rectifier IRF240 Datasheet HTML 4Page - International Rectifier IRF240 Datasheet HTML 5Page - International Rectifier IRF240 Datasheet HTML 6Page - International Rectifier IRF240 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRF240
Foot Notes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65
(0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673
Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice.1/01
ISD ≤ 18A, di/dt ≤ 160A/µs,
VDD≤ 200V, TJ ≤ 150°C
Suggested RG =9.1
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD = 50V, starting TJ = 25°C, L>2.1mH,
Peak IL = 18A,
Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
Case Outline and Dimensions —TO-204AE (Modified TO-3)


Similar Part No. - IRF240

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF240 SAMSUNG-IRF240 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF240 SEME-LAB-IRF240 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
logo
Fairchild Semiconductor
IRF240 FAIRCHILD-IRF240 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
logo
Intersil Corporation
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED
More results

Similar Description - IRF240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6784 IRF-JANTX2N6784_15 Datasheet
191Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6796 IRF-JANTX2N6796_15 Datasheet
134Kb / 7P
   Repetitive Avalanche Ratings
IRF140 IRF-IRF140_15 Datasheet
147Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6768 IRF-JANTX2N6768_15 Datasheet
148Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6758 IRF-JANTX2N6758_15 Datasheet
151Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6764 IRF-JANTX2N6764_15 Datasheet
153Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6847 IRF-JANTX2N6847_15 Datasheet
133Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6851 IRF-JANTX2N6851_15 Datasheet
248Kb / 7P
   Repetitive Avalanche Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com