Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF054 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF054
Description  Repetitive Avalanche Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF054 Datasheet(HTML) 6 Page - International Rectifier

  IRF054 Datasheet HTML 1Page - International Rectifier IRF054 Datasheet HTML 2Page - International Rectifier IRF054 Datasheet HTML 3Page - International Rectifier IRF054 Datasheet HTML 4Page - International Rectifier IRF054 Datasheet HTML 5Page - International Rectifier IRF054 Datasheet HTML 6Page - International Rectifier IRF054 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF054
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
10V


Similar Part No. - IRF054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF054 IRF-IRF054 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
logo
New Jersey Semi-Conduct...
IRF054 NJSEMI-IRF054 Datasheet
98Kb / 2P
   60V, N-CHANNEL
logo
Inchange Semiconductor ...
IRF054 ISC-IRF054 Datasheet
48Kb / 2P
   Simple Drive Requirements
logo
Seme LAB
IRF054SMD SEME-LAB-IRF054SMD Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
More results

Similar Description - IRF054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6784 IRF-JANTX2N6784_15 Datasheet
191Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6796 IRF-JANTX2N6796_15 Datasheet
134Kb / 7P
   Repetitive Avalanche Ratings
IRF140 IRF-IRF140_15 Datasheet
147Kb / 7P
   Repetitive Avalanche Ratings
IRF240 IRF-IRF240_15 Datasheet
150Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6768 IRF-JANTX2N6768_15 Datasheet
148Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6758 IRF-JANTX2N6758_15 Datasheet
151Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6764 IRF-JANTX2N6764_15 Datasheet
153Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6847 IRF-JANTX2N6847_15 Datasheet
133Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6851 IRF-JANTX2N6851_15 Datasheet
248Kb / 7P
   Repetitive Avalanche Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com