Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3442E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3442E
Description  짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3442E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3442E Datasheet HTML 1Page - Maxim Integrated Products MAX3442E Datasheet HTML 2Page - Maxim Integrated Products MAX3442E Datasheet HTML 3Page - Maxim Integrated Products MAX3442E Datasheet HTML 4Page - Maxim Integrated Products MAX3442E Datasheet HTML 5Page - Maxim Integrated Products MAX3442E Datasheet HTML 6Page - Maxim Integrated Products MAX3442E Datasheet HTML 7Page - Maxim Integrated Products MAX3442E Datasheet HTML 8Page - Maxim Integrated Products MAX3442E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER LOGIC
Output High Voltage
VOH
Figure 2, IOH = -1.6mA
VCC - 0.6
V
Output Low Voltage
VOL
Figure 2, IOL = 1mA
0.4
V
Three-State Output Current at
Receiver
IOZR
0
≤ VA, B ≤ VCC
±1µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ +12V
48
k
Receiver Output Short-Circuit
Current
IOSR
0
≤ VRO ≤ VCC
±95
mA
CONTROL
Control Input High Voltage
VCIH
DE, DE, RE, DE/RE
2
V
Input Current Latch During First
Rising Edge
IIN
DE, DE/RE, RE
90
µA
SUPPLY CURRENT
MAX3440E (DE/RE = VCC),
MAX3442E (DE = VCC,
RE = GND),
MAX3444E (DE = RE = GND)
30
Normal Operation
IQ
No load,
DI = VCC
or GND
MAX3441E (DE/RE = VCC),
MAX3443E (DE = VCC,
RE = GND)
10
mA
DE = GND, RE = VCC (MAX3442E/
MAX3443E)
20
DE = GND, RE = VCC, TA = +25°C
(MAX3442E/MAX3443E)
10
DE = RE = VCC (MAX3444E)
100
Supply Current in Shutdown Mode
ISHDN
DE = RE = VCC, TA = +25°C (MAX3444E)
10
µA
Supply Current with Output
Shorted to
±60V
ISHRT
DE = GND, RE = GND, no load
output in three-state (MAX3443E)
±15
mA
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Overvoltage Protection
A, B; RSOURCE = 0, RL = 54
Ω±60
V
ESD Protection
A, B
Human Body Model
±15
kV
FAULT DETECTION
Receiver Differential Threshold
FDIPH
VCM = 0, high limit
270
450
mV
Receiver Differential Threshold
FDIPL
VCM = 0, low limit
-450
-270
mV
Fault-Detection Common-Mode
Input Voltage Positive
12
V
Fault-Detection Common-Mode
Input Voltage Negative
-7
V
PROTECTION SPECIFICATIONS
(VCC = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)


Similar Part No. - MAX3442E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3442E MAXIM-MAX3442E Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
More results

Similar Description - MAX3442E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com