Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34551M4 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M34551M4
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M34551M4 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M34551M4 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
9
MITSUBISHI MICROCOMPUTERS
4551 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for
INFRARED REMOTE CONTROL TRANSMITTER
Fig. 5 Stack registers (SKs) structure
Fig. 6 Example of operation at subroutine call
(5) Stack registers (SKS) and stack pointer (SP)
Stack registers (SKs) are used to temporarily store the
contents of program counter (PC) just before branching until
returning to the original routine when;
• branching to an interrupt service routine (referred to as
an interrupt service routine),
• performing a subroutine call, or
• executing the table reference instruction (TABP p).
Stack registers (SKs) are eight identical registers, so that
subroutines can be nested up to 8 levels. However, one of
stack registers is used when using an interrupt service routine
or when executing a table reference instruction. Accordingly,
be careful not to stack over when performing these operations
together. The contents of registers SKs are destroyed when
8 levels are exceeded.
The register SK nesting level is pointed automatically by 3-
bit stack pointer (SP). The contents of the stack pointer (SP)
can be transferred to register A with the TASP instruction.
Figure 5 shows the stack registers (SKs) structure.
Figure 6 shows the example of operation at subroutine call.
(6) Interrupt stack register (SDP)
Interrupt stack register (SDP) is a 1-stage register. When an
interrupt occurs, this register (SDP) is used to temporarily
store the contents of data pointer, carry flag, skip flag, register
A, and register B just before an interrupt until returning to the
original routine.
Unlike the stack registers (SKs), this register (SDP) is not
used when executing the subroutine call instruction and the
table reference instruction.
(7) Skip flag
Skip flag controls skip decision for the conditional skip
instructions and continuous described skip instructions. When
an interrupt occurs, the contents of skip flag is stored
automatically in the interrupt stack register (SDP) and the
skip condition is retained.
Returning to the BM instruction execution
address with the RT instruction, and the BM
instruction is equivalent to the NOP instruction.
(SP)
0
(SK0)
000116
(PC)
SUB1
Main program
000216 NOP
Address
000016 NOP
000116 BM SUB1
Subroutine
SUB1 :
NOP
RT
(PC)
(SK0)
(SP)
7
·
·
·
Note:
SK0
SK1
SK2
SK3
SK4
SK5
SK6
SK7
(SP) = 0
(SP) = 1
(SP) = 2
(SP) = 3
(SP) = 4
(SP) = 5
(SP) = 6
(SP) = 7
Program counter (PC)
Executing the return or
table reference instruction
Executing the subroutine
call or table reference
instruction
Stack pointer (SP) points “7” at reset or
returning from RAM back-up mode. It points “0”
by executing the first BM instruction, and the
contents of program counter is stored in SK0.
When the BM instruction is executed after eight
stack registers are used ((SP) = 7), (SP) = 0
and the contents of SK0 is destroyed.


Similar Part No. - M34551M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M34551M4-XXXFP RENESAS-M34551M4-XXXFP Datasheet
1Mb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
More results

Similar Description - M34551M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
4551 RENESAS-4551 Datasheet
1Mb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Sharp Corporation
SM3903 SHARP-SM3903 Datasheet
135Kb / 5P
   4-Bit Single-Chip Microcomputer(For Remote Control)
logo
NEC
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Toshiba Semiconductor
TC9148P TOSHIBA-TC9148P Datasheet
636Kb / 10P
   FOR INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com