Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP18 Datasheet(PDF) 3 Page - International Rectifier

Part # IRAUDAMP18
Description  35W/4 x 2 Channel Class D Audio Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP18 Datasheet(HTML) 3 Page - International Rectifier

  IRAUDAMP18_15 Datasheet HTML 1Page - International Rectifier IRAUDAMP18_15 Datasheet HTML 2Page - International Rectifier IRAUDAMP18_15 Datasheet HTML 3Page - International Rectifier IRAUDAMP18_15 Datasheet HTML 4Page - International Rectifier IRAUDAMP18_15 Datasheet HTML 5Page - International Rectifier IRAUDAMP18_15 Datasheet HTML 6Page - International Rectifier IRAUDAMP18_15 Datasheet HTML 7Page - International Rectifier IRAUDAMP18_15 Datasheet HTML 8Page - International Rectifier IRAUDAMP18_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.irf.com
Page 3 of 13
IRAUDAMP18 REV 1.0
Introduction
The IRAUDAMP18 reference design is a two-channel, 35W/ch half-bridge Class D audio power
amplifier with single power supply. This reference design demonstrates how to use the IR4312 IC
with single power supply, implement protection circuits, and design an optimum PCB layout using
PowIRaudio integrated Class D IC. This reference design does not require additional heatsink or fan
cooling for normal operation (one-eighth of continuous rated power).The reference design provides all
the required housekeeping power supplies for ease of use. The two-channel design is scalable for
power and the number of channels.
Applications
Docking station audio systems
PC audio systems
Musical instruments
Karaoke amplifiers
Game consoles
Powered speaker systems
Car audio amplifiers
Features
Output Power:
35W x 2 channels (4Ω load)
Multiple Protection Features:
Over-current protection (OCP), high side and low side
Over-voltage protection (OVP),
Under-voltage protection (UVP), high side and low side
Over-temperature protection (OTP)
PWM Modulator:
Self-oscillating half-bridge topology
Specifications
General Test Conditions (unless otherwise noted)
Notes / Conditions
Supply Voltages
18-31V
Load Impedance
2-4Ω
Resistive load
Self-Oscillating Frequency
400kHz
No input signal, Adjustable
Gain Setting
21.4dB
1Vrms input yields rated power
Electrical Data
Typical
Notes / Conditions
IR Devices Used
IR4312 PowIRaudio integrated Class D IC
Modulator
Self-oscillating, second order sigma-delta modulation, analog input
Power Supply Range
18-31V
Single power supply;
Output Power CH1-2: (1% THD+N)
26W
1kHz
Output Power CH1-2: (10% THD+N)
35W
1kHz
Rated Load Impedance
2-4Ω
Resistive load
Idling Supply Current
70mA
No input signal
Total Idle Power Consumption
2.2W
No input signal
Distortion
0.018%
THD+N @ 3W, 4Ω
Residual Noise
180
V
IHF-A weighted, AES-17 filter
Channel Efficiency
96%
Single-channel driven, 35W, Class D
stage


Similar Part No. - IRAUDAMP18_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP1 IRF-IRAUDAMP1 Datasheet
3Mb / 22P
   High Power Class D Audio Power Amplifier using IR2011S
IRAUDAMP10 IRF-IRAUDAMP10 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP18_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP16 IRF-IRAUDAMP16_15 Datasheet
855Kb / 26P
   70W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com