Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP16 Datasheet(PDF) 9 Page - International Rectifier

Part # IRAUDAMP16
Description  70W/4 x 2 Channel Class D Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP16 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRAUDAMP16_15 Datasheet HTML 5Page - International Rectifier IRAUDAMP16_15 Datasheet HTML 6Page - International Rectifier IRAUDAMP16_15 Datasheet HTML 7Page - International Rectifier IRAUDAMP16_15 Datasheet HTML 8Page - International Rectifier IRAUDAMP16_15 Datasheet HTML 9Page - International Rectifier IRAUDAMP16_15 Datasheet HTML 10Page - International Rectifier IRAUDAMP16_15 Datasheet HTML 11Page - International Rectifier IRAUDAMP16_15 Datasheet HTML 12Page - International Rectifier IRAUDAMP16_15 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.irf.com
Page 9 of 26
IRAUDAMP16 REV 1.0
Power vs THD+N (with heatsink)
Test Conditions:
VBus = ± 31V
Input Signal =1 KHz
Load Impedance = 4 ohms
Set Gain = 1% clipping 100W
Color
S weep
Trac e
Line S tyle
Thic k
Data
A x is
Com m ent
1
1
B lue
S olid
2
A nlr.THD+ N Ratio
Left
CH1 - 4 Ohm s
1
3
M agenta
S olid
2
A nlr.THD+ N Ratio
Left
CH2 - 4 Ohm s
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
200
200m
500m
1
2
5
10
20
50
100
W
THD+N vs Power: Adjust pot Level to 100W output with 1V RMS level input
Test Conditions:
VBus = ± 24.5V
Input Signal =1 KHz
Load Impedance = 3 ohms
Set Gain = 1% clipping 85W
Color
S weep
Trace
Line S tyle
Thick
Data
A xis
Com m ent
1
1
B lue
S olid
2
A nlr.THD+N Ratio
Left
CH1 - 3 Ohm s
1
3
M agenta
S olid
2
A nlr.THD+N Ratio
Left
CH2 - 3 Ohm s
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
100
200m
500m
1
2
5
10
20
50
W
THD+N vs Power: Adjust pot Level to 85W output with 1V RMS level input
Figure 6
Figure 7


Similar Part No. - IRAUDAMP16_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP1 IRF-IRAUDAMP1 Datasheet
3Mb / 22P
   High Power Class D Audio Power Amplifier using IR2011S
IRAUDAMP10 IRF-IRAUDAMP10 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP16_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP18 IRF-IRAUDAMP18_15 Datasheet
505Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com