Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3467CSA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3467CSA
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3467CSA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3467CSA Datasheet HTML 6Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 7Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 8Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 9Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 10Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 11Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 12Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 13Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
10
______________________________________________________________________________________
Y
Z
VOD
R
R
VOC
Figure 5. Driver DC Test Load
DI
DE
3V
Y
VID
CL
RDIFF
Z
Figure 6. Driver Timing Test Circuit
DI
3V
0V
Z
Y
VO
0V
-VO
VO
1.5V
1/2 VO
1/2 VO
tPLH
tF
tR
tPHL
10%
90%
90%
1.5V
10%
VDIFF = V (Y) - V (Z)
tSKEW = | tPLH - tPHL |
VDIFF
f = 1MHz, tR
≤ 3ns, tF ≤ 3ns
Figure 7. Driver Propagation Delays
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
Y, Z
VOL
Y, Z
0V
1.5V
1.5V
VOL + 0.5V
VOH - 0.5V
50%
50%
tZL(SHDN), tZL
tLZ
tZH(SHDN), tZH
tHZ
DE
Figure 9. Driver Enable and Disable Times
VOH
VOL
A
B
1V
-1V
1.5V
1.5V
OUTPUT
INPUT
RO
tPLH
tPHL
f = 1MHz, tR
≤ 3ns, tF ≤ 3ns
Figure 10. Receiver Propagation Delays
3V
0V
VCC
RO
RO
0V
1.5V
1.5V
RE
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
1.5V
1.5V
VOL + 0.5V
VOH - 0.5V
tZL(SHDN), tZL
tLZ
tZH(SHDN), tZH
tHZ
Figure 11. Receiver Enable and Disable Times
S1
S2
OUTPUT
UNDER TEST
VCC
CL
RL
Figure 8. Enable/Disable Timing Test Load


Similar Part No. - MAX3467CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3467CSA MAXIM-MAX3467CSA Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3467CSA MAXIM-MAX3467CSA Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
More results

Similar Description - MAX3467CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com