Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3443ECSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3443ECSA
Description  짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3443ECSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3443ECSA Datasheet HTML 5Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 6Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 7Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 9Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 10Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 11Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 12Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
_______________________________________________________________________________________
9
50
GENERATOR
(NOTE 4)
CL = 20pF
(NOTE 5)
VCC
3V
0
VCC
VOL
R
1.5V
-1.5V
VID
1.5V
RO
S1
S2
1k
RE
1.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
tRPZL
tRPSL
3V
0
VOH
0
1.5V
RE
1.5V
S1 OPEN
S2 CLOSED
S3 = 1.5V
tRPZH
tRPSH
tRPWAKE
3V
0
VCC
VOL
0.5V
RO
RE
1.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
tRPLZ
3V
0
VOH
0
0.5V
1.5V
RO
RE
S1 OPEN
S2 CLOSED
S3 = 1.5V
tRPHZ
S3
RO
A
B
RO
Figure 8. Receiver Enable and Disable Times
Test Circuits and Waveforms (continued)
Note 4: The input pulse is supplied by a generator with the following characteristics: f = 5MHz, 50% duty cycle; tr
≤ 6ns; Z0 = 50Ω.
Note 5: CL includes probe and stray capacitance.


Similar Part No. - MAX3443ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3443ECSA MAXIM-MAX3443ECSA Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
More results

Similar Description - MAX3443ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com