Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP9 Datasheet(PDF) 8 Page - International Rectifier

Part # IRAUDAMP9
Description  Class D Audio Power Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP9 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRAUDAMP9_15 Datasheet HTML 4Page - International Rectifier IRAUDAMP9_15 Datasheet HTML 5Page - International Rectifier IRAUDAMP9_15 Datasheet HTML 6Page - International Rectifier IRAUDAMP9_15 Datasheet HTML 7Page - International Rectifier IRAUDAMP9_15 Datasheet HTML 8Page - International Rectifier IRAUDAMP9_15 Datasheet HTML 9Page - International Rectifier IRAUDAMP9_15 Datasheet HTML 10Page - International Rectifier IRAUDAMP9_15 Datasheet HTML 11Page - International Rectifier IRAUDAMP9_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
www.irf.com
IRAUDAMP9 REV 2.0
Page 8 of 39
Figure 3 Frequency response
Figure 4 THD+N vs. Frequency at 10W and 125W
2-ohm
4-ohm


Similar Part No. - IRAUDAMP9_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9 Datasheet
6Mb / 39P
   1.7 kW / 2-廓 Single Channel Class D Audio Power Amplifier Using the IRS2092S and IRFB4227
More results

Similar Description - IRAUDAMP9_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com