Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3466ESD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3466ESD
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3466ESD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3466ESD Datasheet HTML 2Page - Maxim Integrated Products MAX3466ESD Datasheet HTML 3Page - Maxim Integrated Products MAX3466ESD Datasheet HTML 4Page - Maxim Integrated Products MAX3466ESD Datasheet HTML 5Page - Maxim Integrated Products MAX3466ESD Datasheet HTML 6Page - Maxim Integrated Products MAX3466ESD Datasheet HTML 7Page - Maxim Integrated Products MAX3466ESD Datasheet HTML 8Page - Maxim Integrated Products MAX3466ESD Datasheet HTML 9Page - Maxim Integrated Products MAX3466ESD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
DRIVER AND RECEIVER
PROPAGATION DELAYS
MAX3465 toc13
10ns/div
5V/div
5V/div
2V/div
Y, Z
DI
RO
RDIFF = 54
DATA RATE = 20Mbps
ENABLE RESPONSE TIME
MAX3465 toc14
20ns/div
5V/div
1V/div
Y, Z
DE
RDIFF = 54
EYE DIAGRAM
MAX3465 toc15
10ns/div
1V/div
Y, Z
RDIFF = 54
DATA RATE = 20Mbps
Pin Description
PIN
FULL DUPLEX
HALF
DUPLEX
NAME
FUNCTION
MAX3465/
MAX3466
MAX3467
MAX3468/
MAX3469
SHDN
Shutdown. Drive SHDN high to enter low-power shutdown mode.
1
——
RO
Receiver Output. When RE is low and (A - B)
≥ -50mV, RO is high; if (A - B) ≤
-200mV, RO is low.
22
1
RE
Receiver Output Enable. Drive RE low to enable RO; RO is high impedance
when RE is high. Drive RE high and DE low to enter low-power shutdown mode.
3
2DE
Driver Output Enable. Drive DE high to enable driver output. The driver
outputs are high impedance when DE is low. Drive RE high and DE low to
enter low-power shutdown mode.
4
3DI
Driver Input. With DE high, a low on DI forces the noninverting output low and
the inverting output high. Similarly, a high on DI forces the noninverting output
high and the inverting output low.
5
3
4
GND
Ground
6, 7
4
5
TXP
Transmitter Phase. Connect TXP to GND, or leave unconnected for normal
transmitter phase/polarity. Connect TXP to VCC to invert the transmitter
phase/polarity. TXP has an internal 15µA pulldown.
8
——
Y
Noninverting Driver Output
95
Z
Inverting Driver Output
10
6
B
Inverting Receiver Input
11
7
A
Noninverting Receiver Input
12
8
RXP
Receiver Phase. Connect RXP to GND, or leave unconnected for normal
receiver phase/polarity. Connect RXP to VCC to invert the receiver
phase/polarity. RXP has an internal 15µA pulldown.
13
——
VCC
Positive Supply: +4.75V
≤ VCC ≤ +5.25V. Bypass VCC to GND with a 0.1µF
capacitor.
14
1
8
B
Inverting Receiver Input and Inverting Driver Output
——
7
A
Noninverting Receiver Input and Noninverting Driver Output
——
6


Similar Part No. - MAX3466ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3466ESD MAXIM-MAX3466ESD Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3466ESD MAXIM-MAX3466ESD Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
More results

Similar Description - MAX3466ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com