Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3391EEUD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3391EEUD
Description  짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3391EEUD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3391EEUD Datasheet HTML 3Page - Maxim Integrated Products MAX3391EEUD Datasheet HTML 4Page - Maxim Integrated Products MAX3391EEUD Datasheet HTML 5Page - Maxim Integrated Products MAX3391EEUD Datasheet HTML 6Page - Maxim Integrated Products MAX3391EEUD Datasheet HTML 7Page - Maxim Integrated Products MAX3391EEUD Datasheet HTML 8Page - Maxim Integrated Products MAX3391EEUD Datasheet HTML 9Page - Maxim Integrated Products MAX3391EEUD Datasheet HTML 10Page - Maxim Integrated Products MAX3391EEUD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
_______________________________________________________________________________________
7
PROPAGATION DELAY vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
90
80
70
60
50
40
30
100
200
300
400
500
600
700
0
20
100
DATA RATE = 230kbps
tPHL
tPLH
PROPAGATION DELAY vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
3
6
9
12
15
0
10
50
DATA RATE = 8Mbps
tPLH
tPHL
PROPAGATION DELAY vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
50
100
150
200
250
300
0
10
50
DATA RATE = 500kbps,
OPEN-DRAIN
tPHL
tPLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +2.5V, VL = +1.8V)
CAPACITIVE LOAD (pF)
90
80
70
60
50
40
30
500
1000
1500
2000
2500
0
20
100
DATA RATE = 230kbps
tHL
tLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +2.5V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
2
4
6
8
10
12
14
0
10
50
DATA RATE = 8Mbps
tLH
tHL
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VCC, VCC = +2.5V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
50
100
150
200
250
300
0
10
50
DATA RATE = 500kbps,
OPEN-DRAIN
tHL
tLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
90
80
70
60
50
40
30
500
1000
1500
2000
2500
0
20
100
DATA RATE = 230kbps
tLH
tHL
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
2
4
6
8
10
12
0
10
50
DATA RATE = 8Mbps
tHL
tLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
50
100
150
200
250
300
0
10
50
DATA RATE = 500kbps,
OPEN-DRAIN
tHL
tLH
Typical Operating Characteristics (continued)
(RL = 1M
Ω, TA = +25°C, unless otherwise noted. All 230kbps TOCs apply to MAX3372E/MAX3377E only. All 8Mbps and 500kbps
TOCs apply to MAX3373E–MAX3376E/MAX3378E/MAX3379E and MAX3390E–MAX3393E only.)


Similar Part No. - MAX3391EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3391EEUD MAXIM-MAX3391EEUD Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3391EEUD MAXIM-MAX3391EEUD Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3391EEUD MAXIM-MAX3391EEUD Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3391EEUD++ MAXIM-MAX3391EEUD+ Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
More results

Similar Description - MAX3391EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com