Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP5 Datasheet(PDF) 8 Page - International Rectifier

Part # IRAUDAMP5
Description  120W x 2 Channel Class D Audio Power Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP5 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRAUDAMP5 Datasheet HTML 4Page - International Rectifier IRAUDAMP5 Datasheet HTML 5Page - International Rectifier IRAUDAMP5 Datasheet HTML 6Page - International Rectifier IRAUDAMP5 Datasheet HTML 7Page - International Rectifier IRAUDAMP5 Datasheet HTML 8Page - International Rectifier IRAUDAMP5 Datasheet HTML 9Page - International Rectifier IRAUDAMP5 Datasheet HTML 10Page - International Rectifier IRAUDAMP5 Datasheet HTML 11Page - International Rectifier IRAUDAMP5 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
www.irf.com
Page 7 of 49
IRAUDAMP5 REV 3.3
.
THD versus Frequency:
0.0001
100
0.0005
0.001
0.01
0.05
0.1
1
5
10
50
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Pink
CH1, 1W Output
Blue
CH1, 10W Output
Cyan
CH1, 50W Output
Green
CH1, 100W Output
THD+N Ratio vs. Frequency
Fig 5
.
Frequency Spectrum :
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
10
20k
20
50
100
200
500
1k
2k
5k
10k
Hz
Red
CH1, 1V, 1kHz, Self Oscillator @ 400kHz
Blue
CH2, 1V, 1kHz, Self Oscillator @ 400kHz
Fig 6 Frequency Spectrum


Similar Part No. - IRAUDAMP5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
More results

Similar Description - IRAUDAMP5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP3 IRF-IRAUDAMP3 Datasheet
3Mb / 40P
   120W x 6 Channel Class D Audio Power Amplifier using IRS20124S and IRF6645
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com